Electronic Components Datasheet Search
  English  ▼

X  

TPS23751PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWPR
Description  Wide Range High Efficiency DC-DC Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS23751PWPR Datasheet HTML 29Page - Texas Instruments TPS23751PWPR Datasheet HTML 30Page - Texas Instruments TPS23751PWPR Datasheet HTML 31Page - Texas Instruments TPS23751PWPR Datasheet HTML 32Page - Texas Instruments TPS23751PWPR Datasheet HTML 33Page - Texas Instruments TPS23751PWPR Datasheet HTML 34Page - Texas Instruments TPS23751PWPR Datasheet HTML 35Page - Texas Instruments TPS23751PWPR Datasheet HTML 36Page - Texas Instruments TPS23751PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
TPS23751, TPS23752
www.ti.com
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Input Bridges and Schottky Diodes
Using Schottky diodes instead of PN junction diodes for the PoE input bridges reduces the power dissipation in
these devices by about 30%. There are, however, some things to consider when using them.
The IEEE standard specifies a maximum backfeed voltage of 2.8 V. A 100-k
Ω resistor is placed between the
unpowered pairs and the voltage is measured across the resistor. Schottky diodes often have a higher reverse
leakage current than PN diodes, making this a harder requirement to meet. To compensate, use conservative
design for diode operating temperature, select lower-leakage devices where possible, and match leakage and
temperatures by using packaged bridges.
Schottky diode leakage currents and lower dynamic resistances can impact the detection signature. Setting
reasonable expectations for the temperature range over which the detection signature is accurate is the simplest
solution. Increasing RDEN slightly may also help meet the requirement.
Schottky diodes have proven less robust to the stresses of ESD transients than PN junction diodes. After
exposure to ESD, Schottky diodes may become shorted or leak. Care must be taken to provide adequate
protection in line with the exposure levels. This protection may be as simple as ferrite beads and capacitors.
As a general recommendation, use 1 A or 2 A, 100-V rated discrete or bridge diodes for the input rectifiers.
8.2.2.2 Protection, D1
A TVS, D1, across the rectified PoE voltage per Figure 31 must be used. A SMAJ58A, or equivalent, is
recommended for general indoor applications. Adequate capacitive filtering or a TVS must limit input transient
voltage to within the absolute maximum ratings. Outdoor transient levels or special applications require additional
protection.
8.2.2.3 Capacitor, C1
The IEEE 802.3at standard specifies an input bypass capacitor (from VDD to VSS) of 0.05 μF to 0.12 μF. Typically
a 0.1
μF, 100 V, 10% ceramic capacitor is used.
8.2.2.4 Detection Resistor, RDEN
The IEEE 802.3at standard specifies a detection signature resistance, RDEN between 23.75 kΩ and 26.25 kΩ, or
25 k
Ω ±5%. A resistor of 24.9 kΩ ±1% is recommended for RDEN.
8.2.2.5 Classification Resistor, RCLS
Connect a resistor from CLS to VSS to program the classification current according to the IEEE 802.3at standard.
The class power assigned should correspond to the maximum average power drawn by the PD during operation.
Select RCLS according to Table 1. For a high power design, choose class 4 and RCLS = 63.4 Ω.
8.2.2.6 APD Pin Divider Network, RAPD1, RAPD2
The APD pin can be used to disable the TPS23751 and TPS23752 internal hotswap MOSFET, giving the
adapter source priority over the PoE. For an example calculation, see literature number SLVA306.
8.2.2.7 Setting the PWM-VFO Threshold using the SRT pin
The TPS23751 and TPS23752 internally compares modified voltages at the SRT and CTL pins to determine the
operating mode. The designer should consider the light load operating point (considering the value of VCTL)
where synchronous rectifier (M2 in Figure 31) gate drive and switching losses nearly match conduction losses of
the rectifier diode (DOUT in Figure 31). Typically, the designer characterizes circuit efficiency, output load, and
control pin (VCTL) voltage and then select the transition point. Both VFO → PWM (occurs at higher load current
due to natural hysteresis) and PWM
→ VFO (occurs at slightly lower load current) transitions should be
considered when choosing the VSRT setpoint. As an example:
1. Assume that the desired efficiency transition threshold occurs at 18% of full load and VCTL = 2.0 V
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com