Electronic Components Datasheet Search
  English  ▼

X  

TPS23751PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWPR
Description  Wide Range High Efficiency DC-DC Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS23751PWPR Datasheet HTML 3Page - Texas Instruments TPS23751PWPR Datasheet HTML 4Page - Texas Instruments TPS23751PWPR Datasheet HTML 5Page - Texas Instruments TPS23751PWPR Datasheet HTML 6Page - Texas Instruments TPS23751PWPR Datasheet HTML 7Page - Texas Instruments TPS23751PWPR Datasheet HTML 8Page - Texas Instruments TPS23751PWPR Datasheet HTML 9Page - Texas Instruments TPS23751PWPR Datasheet HTML 10Page - Texas Instruments TPS23751PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TPS23751, TPS23752
www.ti.com
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
Electric Characteristics - Controller Section (continued)
Unless otherwise noted, 40 V
≤ VDD ≤ 57 V; VCTL = VMODE = VSLPb = VB; VSRT = 0.5 V; VAPD = VCS = VARTN = VRTN; CLS, GATE,
LED, SRD, T2P open; RWAKE = 392 kΩ; RDEN = 24.9 kΩ; RT = 34 kΩ; CVB = CVC = 0.1 µF;
–40
≤ TJ ≤ 125°C. Typical values are at 25°C. All voltages referred to VSS.
VC = 12 V, VDEN = VVSS, VARTN = VRTN = VSS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GATE (GATE DRIVER)
Peak source current
GATE high, pulsed measurement
0.35
0.60
1.00
A
Peak sink current
GATE low, pulsed measurement
0.70
1.00
1.40
A
Rise time (1)
tprr10–90, CGATE = 1 nF; see Figure 3
40
ns
Fall time (1)
tpff90–10, CGATE = 1 nF; see Figure 3
27
ns
Pull-up resistance
20
Ω
Pull-down resistance
10
Ω
SRD (SYNCHRONOUS RECTIFIER DISABLE)
Output low voltage
ISRD = 2 mA sinking
0.25
0.45
V
Leakage current
VCTL = 1.75 V, VSRD = 18 V
10
µA
SRT (SYNCHRONOUS RECTIFIER THRESHOLD)
Leakage current
0 V
≤ VSRT ≤ 5 V
1
µA
THERMAL SHUTDOWN
Shutdown
TJ rising
135
145
155
°C
Hysteresis(1)
20
°C
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com