Electronic Components Datasheet Search
  English  ▼

X  

PI6C5916004 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C5916004
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C5916004 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PI6C5916004 Rev C
10/27/2014
PI6C5916004
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
AC Characteristics (TA = -40oC to +85oC, VDD = 3.3V ±10%, 2.5V ±5%)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fmax
Output Frequency
6
GHz
tpd
Propagation Delay(1)
500
ps
Tsk
Output-to-output Skew(2)
30
ps
Device to Device skew
200
ps
Ts
Setup time
240
ps
Th
Hold time
240
ps
tr/tf
Output Rise/Fall time
20% - 80%
20
80
ps
todc
Output duty cycle
f ≤ 2 GHz
48
52
%
2 GHz ≤ f < 6 GHz
45
55
%
tj
Buffer additive jitter RMS
156.25MHz with 12KHz to
20MHz integration range
10
fs
Notes:
1. Measured from the differential input to the differential output crossing point
2. Defined as skew between outputs at the same supply voltage and with equal loads. Measured at the output differential crossing point
LVPECL DC Characteristics (TA = -40oC to +85oC, VDD = 3.3V ±10%, 2.5V ±5% )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
VDD = 3.3V ± 10%
VDD-1.4 VDD -1.145 VDD-0.76
V
VDD = 2.5V ± 5%
VDD- 1.1 VDD -0.95 VDD-0.8
V
VOL
Output Low Voltage
VDD = 3.3V ± 10%
VDD-2.1 VDD-1.945 VDD-1.6
V
VDD = 2.5V ± 5%
VDD-
1.75
VDD-1.6
VDD-1.4
V
VOUT
Output Voltage Swing
550
800
mV
VDIFF_OUT Differential Output Voltage Swing
1100
1600
mV
Thermal Information
Symbol
Description
Condition
ΘJA
Junction-to-ambient thermal resistance
Still air
57.7 °C/W
ΘJC
Junction-to-case thermal resistance
32.2 °C/W
14-0181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com