Electronic Components Datasheet Search
  English  ▼

X  

PI6C5916004 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C5916004
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C5916004 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PI6C5916004 Rev C
10/27/2014
PI6C5916004
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
Application information
Suggest for Unused Inputs and Outputs
LVCMOS Input Control Pins
It is suggested to add pull-up=4.7k and pull-down=1k for LVC-
MOS pins even though they have internal pull-up/down but
with much higher value (>=50k) for higher design reliability.
REF_IN=/ REF_IN- Input Pins
They can be left floating if unused. For added reliability, connect
1kΩ to GND.
Outputs
All unused outputs are suggested to be left open and not con-
nected to any trace. This can lower the IC power supply power.
Power Decoupling & Routing
VDD Pin Decoupling
As general design rule, each VDD pin must have a 0.1uF decou-
pling capacitor. For better decoupling, 1uF can be used. Locat-
ing the decoupling capacitor on the component side has better
decoupling filter result as shown in Fig. 1.
Fig 1: Placement of Decoupling caps
Differential Clock Trace Routing
Always route differential signals symmetrically, make sure
there is enough keep-out space to the adjacent trace (>20mil.). In
156.25MHz XO drives IC example, it is better routing differen-
tial trace on component side as the following Fig. 2.
Clock timing is the most important component in PCB design, so
its trace routing must be planned and routed as a first priority in
manual routing. Some good practices are to use minimum vias (to-
tal trace vias count <4), use independent layers with good reference
plane and keep other signal traces away from clock traces (>20mil.)
etc.
Fig 2: IC routing for XO drive
Clock IC Device
VDD
11
13
10
9
8
12
14
0.1uF
0.1uF
GND
GND
VDD
VDD
Decouple cap.
on comp. side
GND
Clock IC Device
2
REF_IN-
REF_IN+
3
4
5
6
VDD
GND
Keep out board vias
VDD
GND
150
150
156.25M XO
0.1uf
*100
*100 is optional if IC has
GND
14-0181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com