Electronic Components Datasheet Search
  English  ▼

X  

PI6C5916004 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C5916004
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C5916004 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PI6C5916004 Rev C
10/27/2014
Block Diagram
Features
Î
Î
Input Clock Frequency up to 6 GHz Typical
Î
Î
4 pairs of differential LVPECL outputs
Î
Î
Low additive jitter, < 0.05ps (max)
Î
Î
Input CLK accepts: LVPECL, LVDS, CML, SSTL input level
Î
Î
Output to Output skew: <20ps
Î
Î
Operating Temperature: -40oC to 85oC
Î
Î
Power supply: 3.3V ±10% or 2.5V ±5%
Î
Î
Packaging (Pb-free & Green)
Î
Î
16-pin TQFN available
Description
The PI6C5916004 is a high-performance low-skew 1-to-4 LVPECL
fanout buffer. The CLK inputs accept LVPECL, LVDS, CML and
SSTL signals. PI6C5916004 is ideal for clock distribution applica-
tions such as providing fanout for low noise Pericom oscillators.
Pin Configuration
REF_IN+
VTH
REF_IN-
Q0+
Q0-
Q1+
Q1-
Q2+
Q2-
Q3+
Q3-
D
LE
Q
EN
Q1+
Q1-
Q2+
Q2-
1
2
3
4
12
11
10
9
16 15 14 13
5 6 7 8
REF_IN+
VTH
VREF-AC
REF_IN-
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PI6C5916004
14-0181


Similar Part No. - PI6C5916004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
6 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5912006ZHIEX DIODES-PI6C5912006ZHIEX Datasheet
1Mb / 12P
6 Output LVPECL Fanout Buffer
Rev 1-2
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
12 Output LVPECL Fanout Buffer
Rev 2-2
PI6C5912012ZDIEX DIODES-PI6C5912012ZDIEX Datasheet
1Mb / 15P
12 Output LVPECL Fanout Buffer
Rev 2-2
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
16 Output LVPECL Fanout Buffer
Rev 1-2
More results

Similar Description - PI6C5916004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Pericom Semiconductor C...
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
6 GHz Selectable Fanout Buffer with Internal Termination
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com