Electronic Components Datasheet Search
  English  ▼

X  

MADRCC0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0002
Description  Dual Linear Driver for Vector Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dual Linear Driver for Vector Modulators
Rev. V7
MADRCC0002
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50, Reference Figure 1 (Each Circuit)
Parameter
Test Conditions
Units
Min
Typ
Max
Output Drive Current
Vcontrol = VCC
mA
20
—
—
+VCC Supply Range
—
V
4.5
5.0
5.5
IN, REF Voltage
—
V
0
—
VCC
+VCC Quiescent Current
No Load
µA
—
50
70
Settling Time
50% Ctl to 90%/10% RF
µS
—
25
—
Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com