Electronic Components Datasheet Search
  English  ▼

X  

MADRCC0002 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0002
Description  Dual Linear Driver for Vector Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0002 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual Linear Driver for Vector Modulators
Rev. V7
MADRCC0002
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Table 1. Inductor Selection for M/A-COM Vector Modulators
Vector
Modulator
Frequency
Range (MHz)
Coil Craft
P/N L1 - L4
Description of
L1 - L4
Resistor
Values
R2, R6
Thermistor
Values
R3, R7
Quality
Thermistor
P/N for R3, R7
MAIA-007099-000100
925-960 (GSM)
0603CS-68NXJBC
Inductor, 68 nH, ± 5%
270 Ohms
750 Ohms
QT0805-751K
MAIA-007100-000100
1930-1990 (PCS)
0603CS-27NXJBC
Inductor, 27 nH, ± 5%
360 Ohms
680 Ohms
QT0805-681K
MAIA-007150-000100
2040-2240 (UMTS)
0603CS-27NXJBC
Inductor, 27 nH, ± 5%
270 Ohms
750 Ohms
QT0805-751K
Recommended PCB Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com