Electronic Components Datasheet Search
  English  ▼

X  

MADRCC0002 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0002
Description  Dual Linear Driver for Vector Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0002 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADRCC0002 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dual Linear Driver for Vector Modulators
Rev. V7
MADRCC0002
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Pin Configuration
Pin No.
Function
Pin No.
Function
1
NC
17
REF A
2
IN B
18
NC
3
NC
19
REF A
4
REF B
20
NC
5
NC
21
IN A
6
REF B
22
NC
7
NC
23
NC
8
REF B
24
NC
9
OUT B
25
NC
10
NC
26
NC
11
Vcc
27
NC
12
NC
28
GND
13
NC
29
NC
14
OUT A
30
NC
15
REF A
31
NC
16
NC
32
NC
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
+VCC
+20 V
IN A, IN B
-0.5V < Input < Vcc +0.5V
REF A, REF B
-0.5V < Input < Vcc +0.5V
Output Short Circuit Dura-
tion3
Continuous
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Package Power Dissipation
Control Voltage
150 mW
Lead Temperature
300ºC for 10 seconds
1. Exceeding any one or combination of these limits may
cause permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. Additional heat sinking may be required for a continuous
output short circuit to ground, to keep the junction
temperature of the amplifier below 150°C.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon
Integrated
Circuits
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com