Electronic Components Datasheet Search
  English  ▼

X  

LM3556TME Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3556TME
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TME Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3556TME Datasheet HTML 22Page - Texas Instruments LM3556TME Datasheet HTML 23Page - Texas Instruments LM3556TME Datasheet HTML 24Page - Texas Instruments LM3556TME Datasheet HTML 25Page - Texas Instruments LM3556TME Datasheet HTML 26Page - Texas Instruments LM3556TME Datasheet HTML 27Page - Texas Instruments LM3556TME Datasheet HTML 28Page - Texas Instruments LM3556TME Datasheet HTML 29Page - Texas Instruments LM3556TME Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
7.6.1.12 Flags Register (0x0B)
Table 14. Flags Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TX Event
NTC Trip
IVFM
UVLO
OVP
LED or VOUT
Thermal
Flash Time-out
0 = Default
0 = Default
0 = Default
0 = Default
0 = Default
Short Fault
Shutdown
0 = Default
0 = Default
0 = Default
TX Event Flag TX event occurred.
NTC Trip Flag NTC threshold crossed.
IVFM Flag
IVFM block reported and/or adjusted LED current.
UVLO Fault UVLO threshold crossed.
OVP Flag
Overvoltage Protection tripped. Open output capacitor or open LED.
LED Short Fault LED short detected.
Thermal Shutdown Fault LM3556 die temperature reached thermal shutdown value.
Time-Out Flag Flash Timer tripped.
NOTE
Faults require a read-back of the Flags Register to resume operation. Flags report an
event occurred, but do not inhibit future functionality. A read-back of the Flags Register
updates again if the fault or flags are still present upon a restart.
26
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com