Electronic Components Datasheet Search
  English  ▼

X  

LM3556TME Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3556TME
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TME Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3556TME Datasheet HTML 23Page - Texas Instruments LM3556TME Datasheet HTML 24Page - Texas Instruments LM3556TME Datasheet HTML 25Page - Texas Instruments LM3556TME Datasheet HTML 26Page - Texas Instruments LM3556TME Datasheet HTML 27Page - Texas Instruments LM3556TME Datasheet HTML 28Page - Texas Instruments LM3556TME Datasheet HTML 29Page - Texas Instruments LM3556TME Datasheet HTML 30Page - Texas Instruments LM3556TME Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
IN
OUT
TEMP
SW
ENABLE
TORCH
TX
SDA
SCL
GND
1 PH
10 PF
10 PF
STROBE
LED
Flash
LED
2.5 V to 5.5 V
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3556 can drive one flash LED at currents up to 1.5 A. The 4-MHz DC-DC boost regulator allows for the
use of small-value discrete external components.
8.2 Typical Application
Figure 41. LM3556 Typical Application
8.2.1 Design Requirements
Example requirements based on default register values are listed in Table 15:
Table 15. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
2.5 V to 5.5 V
Brightness Control
I2C Register
Output current
1.5 A
LED Configuration
1 Flash LED
Switching frequency
4 MHz (typical)
8.2.2 Detailed Design Procedure
8.2.2.1 Output Capacitor Selection
The LM3556 is designed to operate with a ceramic output capacitor of at least 10 µF. When the boost converter
is running, the output capacitor supplies the load current during the boost converter's on-time. When the NMOS
switch turns off, the inductor energy is discharged through the internal PMOS switch, supplying power to the load
and restoring charge to the output capacitor. This causes a sag in the output voltage during the on-time and a
rise in the output voltage during the off-time. The output capacitor is therefore chosen to limit the output ripple to
an acceptable level depending on load current and input/output voltage differentials and also to ensure the
converter remains stable.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com