Electronic Components Datasheet Search
  English  ▼

X  

LM3556TME Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3556TME
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TME Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3556TME Datasheet HTML 10Page - Texas Instruments LM3556TME Datasheet HTML 11Page - Texas Instruments LM3556TME Datasheet HTML 12Page - Texas Instruments LM3556TME Datasheet HTML 13Page - Texas Instruments LM3556TME Datasheet HTML 14Page - Texas Instruments LM3556TME Datasheet HTML 15Page - Texas Instruments LM3556TME Datasheet HTML 16Page - Texas Instruments LM3556TME Datasheet HTML 17Page - Texas Instruments LM3556TME Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Additionally, the IVM-D threshold sets the input voltage boundary that forces the LM3556 to either stop ramping
the flash current during start-up (Stop and Hold Mode) or to start decreasing the LED current during the flash
(Adjust Down Only Mode and Adjust Down and Up Mode). The IVM-U threshold sets the input voltage boundary
that forces the LM3556 to start ramping the flash current back up towards the target (Adjust Up and Down
Mode). The IVM-U threshold is equal to the IVM-D value plus the programmed hysteresis value also stored in the
Input Voltage Flash Monitor (IVFM) Mode Register (0x01).
To help prevent a premature current reduction, the LM3556 has four different filter timers that start once the input
voltage decreases below the IVM-D line. These filter times are set in the Silicon Revision and Filter Time
Register (0x00). For more information, refer to Input Voltage Flash Monitor (IVFM) Mode Register (0x01) and
Configuration Register (0x07).
7.3.3 Fault Protections
7.3.3.1 Fault Operation
Upon entering a fault condition, the LM3556 sets the appropriate flag in the Flags Register (0x0B), placing the
part into standby by clearing and locking the Torch Enable bit (TEN), Pre-Charge bit, and Mode bits (M1, M0) in
the Enable Register (0x0A), until the Flags Register (0x0B) is read back via I2C.
7.3.3.2 Flash Time-Out
The Flash time-out period sets the amount of time that the flash current is being sourced from the current source
(LED). The LM3556 has 8 time-out levels ranging 100 ms to 800 ms in 100-ms steps. The flash time-out period
is controlled in the Flash Features Register (0x08). Flash time-out only applies to the Flash Mode operation. The
mode bits are cleared upon a flash time-out.
7.3.3.3 Overvoltage Protection (OVP)
The output voltage is limited to typically 5 V (see VOVP in Electrical Characteristics . In situations such as an open
LED, the LM3556 device raises the output voltage in order to keep the LED current at its target value. When
VOUT reaches 5 V (typical), the overvoltage comparator trips and turns off the internal NFET. When VOUT falls
below the VOVP off threshold, the LM3556 begins switching again. The mode bits in the Enable Register (0x0A)
are not cleared upon an OVP.
7.3.3.4 Current Limit
The LM3556 features selectable inductor-current limits that are programmable through the Flash Features
Register (0x08) of the I2C-compatible interface. When the inductor-current limit is reached, the LM3556
terminates the charging phase of the switching cycle.
Because the current limit is sensed in the NMOS switch, there is no mechanism to limit the current when the
device operates in Pass Mode. In Boost Mode or Pass Mode, if VOUT falls below 2.3 V, the device stops
switching, and the PFET operates as a current source limiting the current to 200 mA. This prevents damage to
the LM3556 and excessive current draw from the battery during output short-circuit conditions. The mode bits in
the Enable Register (0x0A) are not cleared upon a current limit event.
Pulling additional current from the VOUT node during normal operation is not recommended.
7.3.3.5 NTC Thermistor Input (TEMP)
The TEMP pin serves as a threshold detector for negative temperature coefficient (NTC) thermistors. It interrupts
the LED current when the voltage at TEMP goes below the programmed threshold. The NTC threshold voltage is
adjustable from 200 mV to 900 mV in 100-mV steps. The NTC current is adjustable from 25 µA to 100 µA in 25-
µA steps. When an overtemperature event is detected, the LM3556 can be set to force the LED current from
Flash Mode into Torch Mode or into shutdown. These settings are adjusted via the NTC Settings Register (0x02),
and the NTC detection circuitry can be enabled or disabled via the Enable Register (0x0A). If enabled, the NTC
block turns on and off during the start and stop of a flash, torch, or indicator event. The NTC mode of operation is
set by adjusting the NTC Mode bit in the Configuration Register (0x07). See NTC Settings Register (0x02) for
more details. The mode bits in the Enable Register (0x0A) are cleared upon an NTC event.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com