Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments LM3556 Datasheet HTML 25Page - Texas Instruments LM3556 Datasheet HTML 26Page - Texas Instruments LM3556 Datasheet HTML 27Page - Texas Instruments LM3556 Datasheet HTML 28Page - Texas Instruments LM3556 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
I2C Flash
I2C Stop
STROBE
I2C
Bus
ILED
ILED
TORCH
ILED
I2C Controlled Flash Start and Stop
Delay Times
Strobe Controlled Flash Start and
Stop Delay Times
External Indicator Start and Stop
Delay Times
Using Torch Pin
ILED
Flash time-out
ta
tb
tc
td
te
tf
tg
th
TX event ± Start and Stop
Delay Times
TX
EDGE TRIG
STROBE
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
7.6.1.11.1
Enable Register Mode Bits
00–Standby Off
01–Indicator Sets Indicator Mode. Default Indicator Mode uses external pattern on TORCH pin.
10–Torch
Sets Torch Mode with ramping. If Torch EN = 0, Torch starts after I2C-compatible command.
11–Flash
Sets Flash Mode with ramping. If Strobe EN = 0, Flash starts after I2C-compatible command.
7.6.1.11.2
Control Logic Delays
Figure 40. Control Logic Delays
Table 13. Control Logic Delay Timing
DELAY
EXPLANATION
TIME
ta
Time for the LED current to start ramping up after an I2C Write command.
554 µs
tb
Time for the LED current to start ramping down after an I2C Stop command.
32 µs
tc
Time for the LED current to start ramping up after the STROBE pin is raised high.
400 µs
td
Time for the LED current to start ramping down after the STROBE pin is pulled low.
16 µs
te
Time for the LED current to start ramping up after the TORCH pin is raised high.
300 µs
tf
Time for the LED current to start ramping down after the TORCH pin is pulled low.
16 µs
tg
Time for the LED current to start ramping down after the TX pin is pulled high.
3 µs
th
Time for the LED current to start ramping up after the TX pin is pulled low, provide the part has
2 µs
not timed out in Flash Mode.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com