Electronic Components Datasheet Search
  English  ▼

X  

LM3556 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 5 Page - Texas Instruments

  LM3556 Datasheet HTML 1Page - Texas Instruments LM3556 Datasheet HTML 2Page - Texas Instruments LM3556 Datasheet HTML 3Page - Texas Instruments LM3556 Datasheet HTML 4Page - Texas Instruments LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Unless otherwise specified, VIN = 3.6 V, typical limits apply for TA = 25°C, and minimum (MIN) and maximum (MAX) limits
apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ +85°C).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
1.425
1.575
1.5-A Flash, VOUT = 4 V
1.5
A
(–5%)
(+5%)
ILED
Current source accuracy
46.88-mA Torch, VOUT = 3.6 V
42.3 (
−10%)
47
51.7 (+10%)
mA
ILED = 1.5 A
Flash
250
280 (+12%)
Current source regulation
VHR
mV
voltage
ILED = 46.88 mA
Torch
150
172.5 (+15%)
ON Threshold
4.86
5
5.1
Output overvoltage protection
VOVP
V
trip point
OFF Threshold
4.75
4.88
4.99
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
IPMOS = 1 A
85
m
Ω
RNMOS
NMOS switch on-resistance
INMOS = 1 A
65
−12%
1.7
12%
−12%
1.9
12%
ICL
Switch current limit
A
−10%
2.5
10%
−12%
3.1
12%
NTC comparator trip
VTRIP
Configuration Register, bit [1] = 1
−6%
600
6%
mV
threshold
Undervoltage lockout
UVLO
Falling VIN
2.74
2.8
2.85
V
threshold
INTC
NTC current
−6%
75
6%
µA
Input voltage flash monitor
VIVFM
–3.2%
2.9
3.2%
V
trip threshold
ƒSW
Switching frequency
2.5 V
≤ VIN ≤ 5.5 V
3.72
4
4.28
MHz
IQ
Quiescent supply current
Device not switching Pass Mode
0.6
0.75
mA
Device disabled, EN = 0V
ISD
Shutdown supply current
0.1
1.3
µA
2.5 V
≤ VIN ≤ 5.5 V
Device disabled, EN = 2 V
ISB
Standby supply current
2.5
4
µA
2.5 V
≤ VIN ≤ 5.5 V
Flash-to-torch LED current
TX low to high,
tTX
4
µs
settling time
ILED = 1.5 A to 46.88 mA
ILED overshoot in external
IOS
0 mA to ITORCH
8%
indicator mode
ENABLE, STROBE, TORCH, TX VOLTAGE SPECIFICATIONS
VIL
Input logic low
0
0.4
2.5 V
≤ VIN ≤ 5.5 V
V
VIH
Input logic high
1.2
VIN
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
0
0.4
2.5 V
≤ VIN ≤ 4.2 V
V
VIH
Input logic high
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
(1)
Minimum and maximum limits are specified by design, test, or statistical analysis. Typical numbers are not verified, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(2)
All voltages are with respect to the potential at the GND pin.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com