Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments TPS2000C Datasheet HTML 12Page - Texas Instruments TPS2000C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
9
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.8 Timing Requirements: TJ = TA = 25°C
MIN
NOM
MAX
UNIT
ENABLE INPUT (EN or EN)
tON
Turnon time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑ or EN
↓.
See Figure 1, Figure 3, and Figure 4
0.5-A and 1-A Rated
1
1.4
1.8
ms
1.5-A and 2-A Rated
1.2
1.7
2.2
tOFF
Turnoff time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓ or EN
↑.
See Figure 1, Figure 3, and Figure 4
0.5-A and 1-A Rated
1.3
1.65
2
ms
1.5-A and 2-A Rated
1.7
2.1
2.5
tR
Rise time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See
Figure 2
0.5-A and 1-A Rated
0.4
0.55
0.7
ms
1.5-A and 2-A Rated
0.5
0.7
1
tF
Fall time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See
Figure 2
0.5-A and 1-A Rated
0.25
0.35
0.45
ms
1.-5A and 2-A Rated
0.3
0.43
0.55
Figure 1. Output Rise and Fall Test Load
Figure 2. Power-On and Power-Off Timing
Figure 3. Enable Timing, Active High Enable
Figure 4. Enable Timing, Active Low Enable
Figure 5. Output Short-Circuit Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com