Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments TPS2000C Datasheet HTML 12Page - Texas Instruments TPS2000C Datasheet HTML 13Page - Texas Instruments TPS2000C Datasheet HTML 14Page - Texas Instruments TPS2000C Datasheet HTML 15Page - Texas Instruments TPS2000C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
−40
−20
0
20
40
60
80
100
120
140
0.5 A, 1 A, 5 V
1.5 A, 2 A, 5 V
1.5 A, 2 A, 4.5 V
1.5 A, 2 A, 5.5 V
Junction Temperature (°C)
COUT = 1 µF, RLOAD = 100 Ω
G029
40
50
60
70
80
90
100
110
120
130
140
−40
−20
0
20
40
60
80
100
120
140
0.5-A, 1-A Rated
1.5-A, 2-A Rated
Junction Temperature (°C)
VIN = 5 V
G030
40
45
50
55
60
65
70
75
80
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Input Voltage (V)
G027
0.325
0.350
0.375
0.400
0.425
0.450
0.475
−40
−20
0
20
40
60
80
100
120
140
0.5-A and 1-A Rated, VIN = 5 V
1.5-A and 2-A Rated, VIN = 5 V
1.5-A and 2-A Rated, VIN = 4.5 V
1.5-A and 2-A Rated, VIN = 5.5 V
Junction Temperature (°C)
COUT = 1 µF, RLOAD = 100 Ω
G028
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Output Voltage (V)
All unit types, VIN = 0 V
G025
50
55
60
65
70
75
80
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Unit Types, VIN = 5.5 V
G026
12
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Reverse Leakage Current (IREV) vs Output Voltage
Figure 14. Enabled Supply Current (ISE) vs Temperature
Figure 15. Enabled Supply Current (ISE) vs Input Voltage
Figure 16. Output Fall Time (TF) vs Temperature
Figure 17. Output Rise Time (TR) vs Temperature
Figure 18. Input-Output Resistance (RDS(ON)) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com