Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments TPS2000C Datasheet HTML 12Page - Texas Instruments TPS2000C Datasheet HTML 13Page - Texas Instruments TPS2000C Datasheet HTML 14Page - Texas Instruments TPS2000C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
Input Voltage = 5.5 V
G023
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C and 25°C
85°C
125°C
Input Voltage (V)
All Unit Types
G024
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40
−20
0
20
40
60
80
100
120
140
0.5-A Rated
1-A Rated
1.5-A Rated
2-A Rated
Junction Temperature (°C)
VIN = 5 V
G021
−1
0
1
2
3
4
5
6
7
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Unit Types, 5 V
G022
8.8
8.9
9.0
9.1
9.2
9.3
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Versions, 5 V
G019
0
2
4
6
8
10
12
14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
−40°C
25°C
85°C
125°C
Output Voltage (V)
VIN = 5 V
G020
11
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
Figure 7. Deglitch Period (TFLT) vs Temperature
Figure 8. Output Discharge Current vs Output Voltage
Figure 9. Short Circuit Current (IOS) vs Temperature
Figure 10. Reverse Leakage Current (IREV) vs Temperature
Figure 11. Disabled Supply Current (ISD) vs Temperature
Figure 12. Disabled Supply Current (ISD) vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com