Electronic Components Datasheet Search
  English  ▼

X  

ADC08231 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08231 Datasheet HTML 1Page - National Semiconductor (TI) ADC08231 Datasheet HTML 2Page - National Semiconductor (TI) ADC08231 Datasheet HTML 3Page - National Semiconductor (TI) ADC08231 Datasheet HTML 4Page - National Semiconductor (TI) ADC08231 Datasheet HTML 5Page - National Semiconductor (TI) ADC08231 Datasheet HTML 6Page - National Semiconductor (TI) ADC08231 Datasheet HTML 7Page - National Semiconductor (TI) ADC08231 Datasheet HTML 8Page - National Semiconductor (TI) ADC08231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VCC ea5VDC VREF ea25 VDC and fCLK e 4 MHz Rsource e 50X unless otherwise
specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
ADC08231
ADC08234 and
ADC08238 with BIN
Units
Symbol
Parameter
Conditions
CIN BIWM
(Limits)
CIWM or CIMF Suffixes
Typical
Limits
(Note 8)
(Note 9)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
(Continued)
DC Common-Mode Error
VREF ea25 VDC
g
LSB (max)
Power Supply Sensitivity
VCC ea5V g5%
g
LSB (max)
VREF ea25 VDC
On Channel Leakage
On Channel e 5V
02
m
A (max)
Current (Note 13)
Off Channel e 0V
1
On Channel e 0V
b
02
m
A (max)
Off Channel e 5V
b
1
Off Channel Leakage
On Channel e 5V
b
02
m
A (max)
Current (Note 13)
Off Channel e 0V
b
1
On Channel e 0V
02
m
A (max)
Off Channel e 5V
1
DYNAMIC CHARACTERISTICS
(see Typical Converter Performance Characteristics)
S
NaD
Signal-to-
VREF ea5V
(Noise a Distortion)
Sample Rate e 286 kHz
Ratio
VIN ea5Vp-p
fIN e 10 kHz
4835
dB
fIN e 50 kHz
4800
dB
fIN e 100 kHz
4740
dB
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 525V
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 475V
08
V (max)
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 50V
1
m
A (max)
IIN(0)
Logical ‘‘0’’ Input Current
VIN e 0V
b
1
m
A (max)
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 475V
IOUT eb360 mA
24
V (min)
IOUT eb10 mA
45
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 475V
04
V (max)
IOUT e 16 mA
IOUT
TRI-STATE Output Current
VOUT e 0V
b
30
m
A (max)
VOUT e 5V
30
m
A (max)
ISOURCE
Output Source Current
VOUT e 0V
b
65
mA (min)
ISINK
Output Sink Current
VOUT e VCC
80
mA (min)
ICC
Supply Current
CS e HIGH
ADC08234 ADC08238
30
mA (max)
ADC08231 (Note 16)
60
mA (max)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com