Electronic Components Datasheet Search
  English  ▼

X  

ADC08231 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC08231 Datasheet HTML 3Page - National Semiconductor (TI) ADC08231 Datasheet HTML 4Page - National Semiconductor (TI) ADC08231 Datasheet HTML 5Page - National Semiconductor (TI) ADC08231 Datasheet HTML 6Page - National Semiconductor (TI) ADC08231 Datasheet HTML 7Page - National Semiconductor (TI) ADC08231 Datasheet HTML 8Page - National Semiconductor (TI) ADC08231 Datasheet HTML 9Page - National Semiconductor (TI) ADC08231 Datasheet HTML 10Page - National Semiconductor (TI) ADC08231 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Performance Characteristics
Reference Voltage
Linearity Error vs
Temperature
Linearity Error vs
Clock Frequency
Linearity Error vs
ADC08234)
Temperature (ADC08238
Power Supply Current vs
Temperature
Output Current vs
vs Clock Frequency
Power Supply Current
Note
For ADC08231 add IREF (Note 16)
TLH11015 – 5
10 kHz Sine Wave Input
Spectral Response with
50 kHz Sine Wave Input
Spectral Response with
100 kHz Sine Wave Input
Spectral Response with
Ratio vs Input Frequency
Signal-to-Noise a Distortion
TLH11015 – 6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com