Electronic Components Datasheet Search
  English  ▼

X  

ADC08231 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC08231 Datasheet HTML 12Page - National Semiconductor (TI) ADC08231 Datasheet HTML 13Page - National Semiconductor (TI) ADC08231 Datasheet HTML 14Page - National Semiconductor (TI) ADC08231 Datasheet HTML 15Page - National Semiconductor (TI) ADC08231 Datasheet HTML 16Page - National Semiconductor (TI) ADC08231 Datasheet HTML 17Page - National Semiconductor (TI) ADC08231 Datasheet HTML 18Page - National Semiconductor (TI) ADC08231 Datasheet HTML 19Page - National Semiconductor (TI) ADC08231 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Functional Description (Continued)
3 When the start bit has been shifted into the start location
of the MUX register the input channel has been assigned
and a conversion is about to begin An interval of 1
clock periods is automatically inserted to allow for sam-
pling the analog input The SARS line goes high at the
end of this time to signal that a conversion is now in prog-
ress and the DI line is disabled (it no longer accepts
data)
4 The data out (DO) line now comes out of TRI-STATE and
provides a leading zero
5 During the conversion the output of the SAR comparator
indicates whether the analog input is greater than (high)
or less than (low) a series of successive voltages gener-
ated internally from a ratioed capacitor array (first 5 bits)
and a resistor ladder (last 3 bits) After each comparison
the comparator’s output is shipped to the DO line on the
falling edge of CLK This data is the result of the conver-
sion being shifted out (with the MSB first) and can be
read by the processor immediately
6 After 8 clock periods the conversion is completed The
SARS line returns low to indicate this
clock cycle later
7 The stored data in the successive approximation register
is loaded into an internal shift register If the programmer
prefers the data can be provided in an LSB first format
this makes use of the shift enable (SE) control line
On
the ADC08238 the SE line is brought out and if held high
the value of the LSB remains valid on the DO line When
SE is forced low the data is clocked out LSB first On
devices which do not include the SE control line the
data LSB first is automatically shifted out the DO line
after the MSB first data stream The DO line then goes
low and stays low until CS is returned high
The
ADC08231 is an exception in that its data is only output in
MSB first format
8 All internal registers are cleared when the CS line is high
and the tSELECT requirement is met See Data Input Tim-
ing under Timing Diagrams If another conversion is de-
sired CS must make a high to low transition followed by
address information
The DI and DO lines can be tied together and controlled
through a bidirectional processor IO bit with one wire
This is possible because the DI input is only ‘‘looked-at’’
during the MUX addressing interval while the DO line is
still in a high impedance state
30 REFERENCE CONSIDERATIONS
The VREFIN pin on these converters is the top of a resistor
divider string and capacitor array used for the successive
approximation conversion The voltage applied to this refer-
ence input defines the voltage span of the analog input (the
difference between VIN(MAX) and VIN(MIN) over which the
256 possible output codes apply) The reference source
must be capable of driving the reference input resistance
which can be as low as 13 kX
For absolute accuracy where the analog input varies be-
tween specific voltage limits the reference input must be
biased with a stable voltage source The ADC08234 and the
ADC08238 provide the output of a 25V band-gap reference
at VREFOUT This voltage does not vary appreciably with
temperature supply voltage or load current (see Reference
Characteristics in the Electrical Characteristics tables) and
can be tied directly to VREFIN for an analog input span of 0V
to 25V This output can also be used to bias external cir-
cuits and can therefore be used as the reference in ratio-
metric applications Bypassing VREFOUT with a 100 mF ca-
pacitor is recommended
For the ADC08231 the output of the on-board reference is
internally tied to the reference input Consequently the ana-
log input span for this device is set at 0V to 25V The pin
VREFC is provided for bypassing purposes and biasing ex-
ternal circuits as suggested above
The maximum value of the reference is limited to the VCC
supply voltage The minimum value however can be quite
small (see Typical Performance Characteristics) to allow di-
rect conversions of transducer outputs providing less than a
5V output span Particular care must be taken with regard to
noise pickup circuit layout and system error voltage sourc-
es when operating with a reduced span due to the in-
creased sensitivity of the converter (1 LSB equals VREF
256)
TLH11015 – 18
a) Ratiometric
TLH11015 – 19
b) Absolute
FIGURE 2 Reference Examples
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com