Electronic Components Datasheet Search
  English  ▼

X  

GEN600 Datasheet(PDF) 6 Page - DENSEI-LAMBDA

Part # GEN600
Description  Programmable DC Power Supplies 750W/1500W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN600 Datasheet(HTML) 6 Page - DENSEI-LAMBDA

  GEN600 Datasheet HTML 1Page - DENSEI-LAMBDA GEN600 Datasheet HTML 2Page - DENSEI-LAMBDA GEN600 Datasheet HTML 3Page - DENSEI-LAMBDA GEN600 Datasheet HTML 4Page - DENSEI-LAMBDA GEN600 Datasheet HTML 5Page - DENSEI-LAMBDA GEN600 Datasheet HTML 6Page - DENSEI-LAMBDA GEN600 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Genesys™ Power Parallel and Series Configurations
Parallel operation - Master/ Slave:
Active current sharing allows up to 4 units to be connected in an auto
parallel configuration for four times the output power.
Series operation
Up to two units may be connected in series to increase the output
voltage or to provide bipolar output. (Max 600V to Chassis Ground)
Remote Programming via RS232&RS485 Interface
Standard Serial Interface allows chain control of up to 31 power
supplies on the same bus with built in RS232&485 Interface
Programming Options (Factory installed)
Digital Programming via IEEE Interface
P/N: IEEE
• IEEE 488.2 Compliant
• SCPI Compliant
• Program Voltage
• Program Current
• Measure Voltage
• Measure Current
• Over Voltage setting and shutdown
• Current Foldback shutdown
• Error and Status Messages
Isolated Analog Programming
Four Channels to Program and Monitor Voltage and Current
Isolation allows operation with floating references and difficult electrical environments.
Choose between programming with Voltage or Current.
Connection via Removable terminal block P/N: Phoenix MC1,5/8-ST-3.81
P/N: IS510 - Voltage Programming, user selectable 0-5V or 0-10V signal
Power supply Voltage and Current Programming accuracy +/-1%
Power supply Voltage and Current Monitoring accuracy +/-1.5%
P/N: IS420 - Current Programming with 4-20mA signal
Power supply Voltage and Current Programming accuracy +/-1%
Power supply Voltage and Current Monitoring accuracy +/-1.5%
Genesys™ 750W/1500W-1U
5|



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com