Electronic Components Datasheet Search
  English  ▼

X  

GEN600 Datasheet(PDF) 5 Page - DENSEI-LAMBDA

Part # GEN600
Description  Programmable DC Power Supplies 750W/1500W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN600 Datasheet(HTML) 5 Page - DENSEI-LAMBDA

  GEN600 Datasheet HTML 1Page - DENSEI-LAMBDA GEN600 Datasheet HTML 2Page - DENSEI-LAMBDA GEN600 Datasheet HTML 3Page - DENSEI-LAMBDA GEN600 Datasheet HTML 4Page - DENSEI-LAMBDA GEN600 Datasheet HTML 5Page - DENSEI-LAMBDA GEN600 Datasheet HTML 6Page - DENSEI-LAMBDA GEN600 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
General Specifications Genesys™ 750W/1500W
Outline Drawing Genesys™ 750W/1500W Units
|4
NOTE
1. PLUG CONNECTORS INCLUDED WITH THE POWER SUPPLY
2. CHASSIS SLIDES MOUNTING HOLES #10-32 MARKED "A"
GENERAL DEVICES P/N: CC301-00-S160 OR EQUIVALENT
*1: For cases where conformance to various safety standards (UL, IEC etc.) is required, to be described as 100-240Vac (50/60Hz).
2.1 INPUT CHARACTERISTICS
1. Input voltage/freq. (*1)
2. Power Factor
0.99 @100/200Vac, rated output power.
3. EN61000-3-2,3 compliance
Complies with EN61000-3-2 class A and EN61000-3-3 at 20~100% output power.
4. Input current 100/200Vac
5. Inrush current 100/200Vac
750W :Less than 25A,
1500W :Less than 50A
6. Hold-up time
More than 20mS , 100Vac , at 100% load.
750W :10.5A / 5A,
1500W :21A / 11A
85~265Vac continuous, 47~63Hz, single phase
2.6 MECHANICAL CONSTRUCTION
1. Cooling
2. Dimensions (WxHxD)
W: 422.8mm, H: 43.6mm, D: 432.8mm (excluding connectors, encoders, handles etc..)
3. Weight
750W: 7Kg (15.4 Lbs)
1500W: 8.5Kg (18.7 Lbs)
4. AC Input connector
750W: AC Inlet IEC320.
1500W: screw terminal block, Phoenix P/N: FRONT-4-H-7.62 , with strain relief
5.Output connectors
6V to 60V models: bus-bars (hole Ø 8.5mm).
80V to 600V models :terminal block ,Phoenix P/N: FRONT-4-H-7.62
Forced air flow: from front to rear. No ventilation holes at the top or bottom of the chassis Variable fan speed.
2.7 RELIABILITY SPECS
1. Warranty
5 years.
1. Parallel Operation
2. Series Operation
Up to 4 units in master/slave mode with single wire current balance connection
Up to 2 units. with external diodes.
600V Max to Chassis ground
2.2 POWER SUPPLY CONFIGURATION
2.3 ENVIRONMENTAL CONDITIONS
1. Operating temp
2. Storage temp
-20~70
°C
3. Operating humidity
30~90% RH (no condensation).
4. Storage humidity
10~95% RH (no condensation).
5. Vibration
MIL-810E, method 514.4 , test cond. I-3.3.1 . The EUT is fixed to the vibrating surface.
6. Shock
Less than 20G , half sine , 11mSec. Unit is unpacked.
7. Altitude
Operating: 10000ft (3000m) , Non operating: 40000ft (12000m).
0~50
°C, 100% load.
EN55022A, FCC part 15-A, VCCI-1.
2.4 EMC
1.Applicable standards:
EN55024
2.ESD
IEC1000-4-2. Air-disch.-8KV, contact disch.-4KV
3.Fast transients
IEC1000-4-4. 2KV
4.Surge immunity
IEC1000-4-5. 1KV line to line, 2KV line to ground
5.Conducted immunity
IEC1000-4-6, 3V
6.Radiated immunity
IEC1000-4-3, 3V/m
7.Conducted emission
EN55022B,FCC part 15J-B,VCCI-2
8.Radiated emission
EN55022A,FCC part 15-A,VCCI-1
9.Voltage dips
EN61000-4-11
10. Conducted emission
11. Radiated emission
EN55022B, FCC part 15-B, VCCI-2.
More than 100Mohm at 25
°C , 70% RH.
2.5 SAFETY
1.Applicable standards:
400<Vout<600V:Output is hazardous, IEEE/Isolated analog are not SELV.
2.Withstand voltage
60<Vout<600V models: Input-Haz. Output: 2.5KVrms 1min, Input-SELV: 3KVrms 1min.
Hazardous Output.-SELV: 1.9KVrms 1min, Hazardous Output-Ground:1.9KVrms 1min.
3.Insulation resistance
CE Mark, UL60950,EN60950 listed. Vout<60V:Output is SELV , IEEE/Isolated analog are SELV.
60<Vout<400V: Output is hazardous, IEEE/Isolated analog are SELV.
Vout<60V models :Input-Outputs (SELV): 3.0KVrms 1min, Input-Ground: 2.0KVrms 1min.
Input-Ground: 2KVrms 1min.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com