Electronic Components Datasheet Search
  English  ▼

X  

GEN600 Datasheet(PDF) 4 Page - DENSEI-LAMBDA

Part # GEN600
Description  Programmable DC Power Supplies 750W/1500W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN600 Datasheet(HTML) 4 Page - DENSEI-LAMBDA

  GEN600 Datasheet HTML 1Page - DENSEI-LAMBDA GEN600 Datasheet HTML 2Page - DENSEI-LAMBDA GEN600 Datasheet HTML 3Page - DENSEI-LAMBDA GEN600 Datasheet HTML 4Page - DENSEI-LAMBDA GEN600 Datasheet HTML 5Page - DENSEI-LAMBDA GEN600 Datasheet HTML 6Page - DENSEI-LAMBDA GEN600 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Genesys ™ 750W/1500W Specifications
Genesys™ 750W/1500W-1U
3|
*1: Minimum voltage is guaranteed to maximum 0.2% of Vomax.
*2: Minimum current is guaranteed to maximum 0.4% of Iomax.
2.Display
3.Indications
Voltage
Current
Voltage, Current, Alarm, Fine, Preview, Foldback, Local, Output On
4 digits , accuracy: 0.5%+/-1 count
4 digits, accuracy: 0.5%+/-1 count
X
X
X
X
X
X
1.5 FRONT PANEL
1.Control functions
Vout/ Iout manual adjust by separate encoders (coarse and fine adjustment selectable)
OVP/UVL manual adjust by Volt. Adjust encoder
Address selection by Voltage (or current) adjust encoder. No of addresses:31
AC on/off, Output on/off, Re-start modes (auto, safe), Foldback control (CV to CC), Go to local control
RS232/485 and IEEE488.2 selection by IEEE enable switch and DIP switch
Baud rate selection: 1200,2400,4800,9600 and 19,200 bps
X
X
X
X
X
X
X
X
X
X
X
X
OVP Programming
Resolution (0.1% of Vomax)
Accuracy (1% of Vomax)
mV
mV
X
X
X
X
Readback Current
Resolution (0.012% of Iomax )
Accuracy (0.1% of Iomax+0.3% of Io Actual Output)
Resolution (0.012% of Iomax )
Accuracy (0.1% of Iomax+0.3% of Io Actual Output)
mA
mA
mA
mA
12
400
24
800
10.8
360
21.6
720
7.2
240
14.4
480
4.56
152
9.12
304
3.0
100
6
200
2.28
76
4.56
152
1.50
50
3.0
100
1.14
38
2.28
76
0.9
30
1.80
60
0.60
20
1.20
40
0.30
10
0.60
20
0.16
5.2
0.32
10.4
X
X
X
X
Readback Voltage
Resolution (0.012% of Vomax)
Accuracy (0.1%Vomax+0.1% of Vo Actual Output)
mV
mV
0.72
12
0.96
16
1.50
25
2.40
40
3.60
60
4.80
80
7.2
120
9.6
160
12
200
18
300
36
600
72
1200
X
X
X
X
Remote Current Programming (16 bit)
Resolution (0.012% of Iomax)
Accuracy (0.05% of Iomax+0.05% of Io Actual Output)
Resolution (0.012% of Iomax)
Accuracy (0.05% of Iomax+0.05% of Io Actual Output)
mA
mA
mA
mA
12
10
24
20
10.8
9
21.6
18
7.2
6
14.4
12
4.56
3.8
9.12
7.6
3.0
2.5
6
5
2.28
1.9
4.56
3.8
1.50
1.25
3.0
2.5
1.14
0.95
2.28
1.9
0.90
0.75
1.80
1.50
0.60
0.5
1.20
1
0.30
0.25
0.60
0.5
0.16
0.13
0.32
0.26
X
X
X
X
1.6 Interface RS232&RS485 or Optional GPIB Interface
Model
Remote Voltage Programming (16 bit)
Resolution (0.012% of Vomax)
Accuracy (0.05%Vomax+0.05% of Vo Actual Output)
V
mV
mV
6
0.72
6.0
8
0.96
8.0
12.5
1.50
12.5
20
2.40
20
30
3.60
30
40
4.80
40
60
7.2
60
80
9.6
80
100
12
100
150
18
150
300
36
300
600
72
600
750W
X
X
1500W
X
X
XX
6
60
8
80
12
125
20
200
29
300
39
400
59
600
78
800
98
1000
146
1500
293
3000
586
6000
1.4 ANALOG PROGRAMMING AND MONITORING
1.Vout Voltage Programming
2.Iout Voltage Programming
3.Vout Resistor Programming
4.Iout Resistor Programming
5.On/Off control (rear panel)
6.Output Current monitor
7.Output Voltage monitor
8.Power Supply OK signal
9. CV/CC indicator
10. Enable/Disable
0~100%, 0~5V or 0~10V, user select. Accuracy and linearity:+/-0.5% of rated Vout.
0~100%, 0~5V or 0~10V, user select. Accuracy and linearity:+/-1% of rated Iout.
0~100%, 0~5/10Kohm full scale,user select.,Accuracy and linearity:+/-1% of rated Vout.
0~100%, 0~5/10Kohm full scale,user select. Accuracy and linearity:+/-1.5% of rated Iout.
By electrical. Voltage: 0~0.6V/2~15V,or dry contact ,user selectable logic
0~5V or 0~10V , accuracy:1% , user selectable
0~5V or 0~10V ,accuracy:1% ,user selectable
5V-OK, 0V-Fail 500ohm impedance
CV: TTL high (4~5V) source: 10mA, CC: TTL low (0~0.4V):10mA
Dry contact. Open:off , Short: on. Max. voltage at Enable/Disable in: 6V
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1.1 CONSTANT VOLTAGE MODE
1.Max.line regulation ( 0.01% of Vo+ 2mV )(*4)
2.Max load regulation ( 0.01% of Vo+2mV )(*5)
3.Ripple and noise p-p 20MHz
4.Ripple r.m.s 5Hz~1MHz
5.Remote sense compensation/line
6.Temp. coefficient
7.Up-prog. response time, 0~Vomax
8.Down-prog response time full-load
9.Down-prog response time no-load
10.Transient response time (*8)
mV
mV
mV
mV
V
PPM/
°C
mS
mS
mS
2.6
2.6
60
8
1
100PPM/
°C from rated output voltage,following 30 minutes warm up
80mS , N.L/F.L , resistive load
10
500
Less than 1mSec for models up to and including 100V. 2msec for models above 100V
2.8
2.8
60
8
1
600
3.3
3.3
60
8
1
50
700
4
4
60
8
1
800
5
5
60
8
1.5
900
6
6
60
8
2
80
1000
8
8
60
8
3
1100
10
10
80
8
4
150mS , N.L/F.L , resistive load
1200
12
12
80
8
5
1500
17
17
100
10
5
150
2000
32
32
125
25
5
2500
62
62
300
60
5
4000
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1.2 CONSTANT CURRENT MODE
1.Max.line regulation (0.01% of Io+ 2mA)(*4)
2.Max.load regulation (0.01% of Io+5mA)(*6)
3.Ripple r.m.s 5Hz~1MHz . (*7)
1.Max.line regulation (0.01% of Io+ 2mA)(*4)
2.Max.load regulation (0.01% of Io+5mA)(*6)
3.Ripple r.m.s 5Hz~1MHz .(*7)
4.Temp. coefficient
mA
mA
mA
mA
mA
mA
PPM/
°C
12
15
200
2
5
400
100PPM/
°C from rated output voltage,following 30 minutes warm up
11
14
180
2
5
360
8
11
120
2
5
240
5.8
8.8
76
2
5
152
4.5
7.5
63
2
5
125
3.9
6.9
48
2
5
95
3.25
6.25
38
2
5
75
2.95
5.95
29
2
5
57
2.75
5.75
23
2
5
45
2.5
5.5
18
2
5
35
2.25
5.25
13
2
5
25
2.13
5.13
8
2
5
12
X
X
X
X
X
X
X
X
1.3 PROTECTIVE FUNCTIONS
1. OCP
2. OCP Foldback
3. OVP type
4. OVP trip point
5. Over Temp. Protection
0~105% Constant Current
Output shut down when power supply change from CV to CC. User selectable.
Inverter shut-down, manual reset by AC input recycle or by OUT button
0.5~7.5V
User selectable , latched or non latched
0.5~10V 1~15V
1~24V
2~36V 2~44V 5~66V
5~88V 5~110V 5~165V 5~330V 5~660V
X
X
X
X
X
X
X
X
X
X
*7: For 6V models the ripple is measured at 2~6V output voltage and full output current. For other models, the ripple is measured at 10~100% output voltage and full output current.
*8: Time for the output voltage to recover within 0.5% of its rated for a load change 10~90% of rated output , Output set-point:10~100%.
*3: At maximum output power.
*4: 85~132Vac or 170~265Vac, constant load.
*5: From No-load to Full-load, constant input voltage.
*6: For load voltage change, equal to the unit voltage rating, constant input voltage.
GEN
V
A
W
6-100
6
100
600
8-90
8
90
720
12.5-60
12.5
60
750
20-38
20
38
760
30-25
30
25
750
40-19
40
19
760
60-12.5
60
12.5
750
80-9.5
80
9.5
760
100-7.5
100
7.5
750
150-5
150
5
750
300-2.5
300
2.5
750
600-1.3
600
1.3
780
X
X
X
X
1.0 MODEL
1.Rated output voltage (*1)
2.Rated Output Current (*2)
3.Rated Output Power
750W
1500W
3.Rated Output Power
1.0 MODEL
1.Rated output voltage(*1)
2.Rated Output Current(*2)
4.Efficiency at 100/200Vac (*3)
GEN
V
A
W
%
6-200
6
200
1200
77/80
8-180
8
180
1440
78/81
12.5-120
12.5
120
1500
81/84
20-76
20
76
1520
83/86
30-50
30
50
1500
83/86
40-38
40
38
1520
84/88
60-25
60
25
1500
84/88
80-19
80
19
1520
84/88
100-15
100
15
1500
84/88
150-10
150
10
1500
84/88
300-5
300
5
1500
83/87
600-2.6
600
2.6
1560
83/87
X
X
X
X
X
X
Accuracy -Values have been calculated at Vomax & Io max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com