Electronic Components Datasheet Search
  English  ▼

X  

1027604 Datasheet(PDF) 3 Page - SICK AG

Part # 1027604
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027604 Datasheet(HTML) 3 Page - SICK AG

  1027604 Datasheet HTML 1Page - SICK AG 1027604 Datasheet HTML 2Page - SICK AG 1027604 Datasheet HTML 3Page - SICK AG 1027604 Datasheet HTML 4Page - SICK AG 1027604 Datasheet HTML 5Page - SICK AG 1027604 Datasheet HTML 6Page - SICK AG 1027604 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT10-2-1211 | DMT
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V, limit values
Ripple
< 5 Vpp 1)
Power consumption
≤ 6 W 2)
Initialization time
6 s
Connection type
1 x terminal connection, 1 x Sub D, 9-pin
Weight
Approx. 1,200 g
Output current IA
100 mA
1) May not fall short of or exceed VS tolerances.
2) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
III 1)
Electromagnetic compatibility (EMC)
EN 55011:1998 Kl. B, Gr.1
EN 61000-6-2
Ambient temperature
Operation: –10 °C ... +55 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +70 °C
Temperature drift
Typ. 0.6 mm/K 2)
Typ. 0.3 mm/K 3)
Mechanical load
Shock: (IEC 60068-2-27, –2-29)
Sine: (IEC 60068-2-6)
1) Reference voltage DC 50 V PELV-voltage (EN 50178)
2) -10° C ... 0° C, +40 °C ... +55 °C.
3) 0 °C ... +40 °C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com