Electronic Components Datasheet Search
  English  ▼

X  

1027604 Datasheet(PDF) 6 Page - SICK AG

Part # 1027604
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027604 Datasheet(HTML) 6 Page - SICK AG

  1027604 Datasheet HTML 1Page - SICK AG 1027604 Datasheet HTML 2Page - SICK AG 1027604 Datasheet HTML 3Page - SICK AG 1027604 Datasheet HTML 4Page - SICK AG 1027604 Datasheet HTML 5Page - SICK AG 1027604 Datasheet HTML 6Page - SICK AG 1027604 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DMT10-2-1211 | DMT
LONG RANGE DISTANCE SENSORS
6
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Adjustment possible
ß à á â
⑩  Q2 function indicator
⑪  Q1 function indicator
⑫  Operating indicator, green
⑬  Plausibility (measurement error) red
Recommended accessories
Other models and accessories
www.sick.com/DMT
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for DMT/DML, incl. mounting material, steel, zinc coated, mounting hard-
ware included
BEF-GH-DME
5309130
Plug connectors and cables
Head A: female connector, D-Sub, 9-pin, straight
Head B: cable
Cable: serial, unshielded, 3 m
Connecting ca-
ble (female con-
nector - open)
2020319



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com