Electronic Components Datasheet Search
  English  ▼

X  

1027604 Datasheet(PDF) 5 Page - SICK AG

Part # 1027604
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027604 Datasheet(HTML) 5 Page - SICK AG

  1027604 Datasheet HTML 1Page - SICK AG 1027604 Datasheet HTML 2Page - SICK AG 1027604 Datasheet HTML 3Page - SICK AG 1027604 Datasheet HTML 4Page - SICK AG 1027604 Datasheet HTML 5Page - SICK AG 1027604 Datasheet HTML 6Page - SICK AG 1027604 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMT10-2-1211 | DMT
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
DMTxxx-2 RS-232/PROFIBUS Socket, Sub-D, 9-pin
5
1
9
6
①  NC = normally closed
⑤  M
⑥  L+
⑨  NC = normally closed
DMTxxx-2 RS-232/PROFIBUS PG9
1 2
1 2
①  Pin 1
②  Pin 2
Connection diagram
Connection diagram DMxxx-2-x21x RS-232
RxD
TxD
GND
1
2
3
5
RS-232
RESET
Connection type DMxxx-2 RS-232/PROFIBUS, socket
B
RTS
GND
A
+5 V
3
4
6
5
8
DMTxxx-2 RS-232/PROFIBUS PG9
M
1
2
L+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com