Electronic Components Datasheet Search
  English  ▼

X  

PT7C4337 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
7
PT7C4337
Real-time Clock Module (I
2C Bus)
Function Block
Oscillator Circuit
PT7C4337
The PT7C4337 uses an external 32.768 kHz crystal. Table2 specifies several crystal parameters for the external crystal. The
Block Diagram shows a functional schematic of the oscillator circuit. The startup time is usually less than 1 second when using a
crystal with the specified characteristics.
Table2 Crystal Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Nominal Frequency
fO
-
32.768
-
kHz
Series Resistance
ESR
-
-
70
k
Load Capacitance
CL
-
6/12.5
-
pF
Note: The crystal, traces, and crystal input pins should be isolated from RF generating signals.
Clock Accuracy
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between the capacitive
load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Crystal frequency drift caused by
temperature shifts creates additional error. External circuit noise coupled into the oscillator circuit can result in the clock running
fast. Figure 1 shows a typical PC board layout for isolating the crystal and oscillator from noise.
Time Counter
(Sec,Min,Hour,Day,Date,Month,Year)
Interrupt Control
Square Wave Output Control
Comparator 1
Alarm 2 Register
(Min, Hour, Day/Date)
Comparator 2
Alarm 1 Register
(Sec, Min, Hour, Day/Date)
Shift Register
Address
Decoder
Address
Register
INTA
SQW/INTB
SCL
SDA
PT7C4337
OSC
X1
X2
C
G
C
D
32.768
kHz
Control Register
Counter Chain
I /O
Interface
(I2C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com