Electronic Components Datasheet Search
  English  ▼

X  

PT7C4337 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 16Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
12
PT7C4337
Real-time Clock Module (I
2C Bus)
This bit is used to select between 12-hour clock operation and 24-hour clock operation.
12, /24
Description
Hours register
0
24-hour time display
1
12-hour time display
* Be sure to select between 12-hour and 24-hour clock operation before writing the time data.
Days of the week Counter
The day counter is a divide-by-7 counter that counts from 01 to 07 and up 07 before starting again from 01. Values that
correspond to the day of week are user defined but must be sequential (i.e., if 1 equals Sunday, then 2 equals Monday, and so on).
Illogical time and date entries result in undefined operation.
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
03
Days of the week
0
0
0
0
0
W4
W2
W1
(default)
0
0
0
0
0
Undefined Undefined Undefined
Calendar Counter
The data format is BCD format.
Day digits: Range from 1 to 31 (for January, March, May, July, August, October and December).
Range from 1 to 30 (for April, June, September and November).
Range from 1 to 29 (for February in leap years).
Range from 1 to 28 (for February in ordinary years).
Carried to month digits when cycled to 1.
Month digits: Range from 1 to 12 and carried to year digits when cycled to 1.
Year digits: Range from 00 to 99 and 00, 04, 08, … , 92 and 96 are counted as leap years.
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
04
Dates
0
0
D20
D10
D8
D4
D2
D1
(default)
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
05
Months
Century
*1
0
0
M10
M8
M4
M2
M1
(default)
Undefined
0
0
Undefined
Undefined
Undefined
Undefined
Undefined
06
Years
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
(default)
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
*1: The century bit is toggled when the years register overflows from 99 to 00.
24-hour clock
12-hour clock
24-hour clock
12-hour clock
00
52 ( AM 12 )
12
72 ( PM 12)
01
41 ( AM 01 )
13
61 ( PM 01 )
02
42 ( AM 02 )
14
62 ( PM 02 )
03
43 ( AM 03 )
15
63 ( PM 03 )
04
44 ( AM 04 )
16
64 ( PM 04 )
05
45 ( AM 05 )
17
65 ( PM 05 )
06
46 ( AM 06 )
18
66 ( PM 06 )
07
47 ( AM 07 )
19
67 ( PM 07 )
08
48 ( AM 08 )
20
68 ( PM 08 )
09
49 ( AM 09 )
21
69 ( PM 09 )
10
50 ( AM 10 )
22
70 ( PM 10 )
11
51 ( AM 11 )
23
71 ( PM 11 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com