Electronic Components Datasheet Search
  English  ▼

X  

PT7C4337 Datasheet(PDF) 20 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 20 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 23Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
20
PT7C4337
Real-time Clock Module (I
2C Bus)
Mechanical Information
WE (Lead free and Green SOIC-8)
Min
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.350
1.550
b
0.330
0.510
c
0.170
0.250
D
4.700
5.100
E
3.800
4.000
E1
5.800
6.200
e
L
0.400
1.270
θ
0°
8°
Symbol
Dimensions In Millimeters
1.27 BSC
Note:
1) Controlling dimensions in millimeters.
2) Ref: JEDEC MS-012E/AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com