Electronic Components Datasheet Search
  English  ▼

X  

M08035 Datasheet(PDF) 48 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 48 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
48
080x5-DSH-001
Register Address: 85h
Default:
00h
Register Name:
Alarm Clear
Description:
Clears Latched Alarms. To properly clear all alarm bits, write “1” followed by a “0” to bit 0.
Register Address: 87h
Default:
00h
Register Name:
Checksum result
Description:
Shows the result of the checksum calculation
Register Address: 88h
Default:
00h
Register Name:
Reclocker Status Register
Description:
Reads status of the Reclocker
Register Address: 89h
Default:
00h
Register Name:
Reclocker Rate Detect
Description:
Reads data rate for Reclocker
Bit
Bit Description
Default
R/W
7:2
Reserved
000000b
R/W
1
0b: Normal operation
1b: Soft reset for Reclocker (for master reset use reg 80h)
0b
R/W
0
0b: Normal operation
1b: Clears all alarm bits in registers 83h, 84h and 88h
0b
R/W
Bit
Bit Description
Default
R/W
7:0
Checksum result
00000000b
R/W
Bit
Bit Description
Default
R/W
7:6
Reserved
00b
R
5
0b: Reference clock is present
1b: Reference clock is not present
0b
R
4
0b: PLL locked
1b: PLL unlocked
0b
R
3:1
Reserved
XXXb
R
0
0b: Reclocker, locked
1b: Reclocker, un-locked
0b
R
Bit
Bit Description
Default
R/W
7:2
Reserved
XXXXXXb
R
1:0
00b: Reclocker: un-locked
01b: Reclocker: SD data rate detected
10b: Reclocker: HD data rate detected
11b: Reclocker: 3G data rate detected (M08045)
00b
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com