Electronic Components Datasheet Search
  English  ▼

X  

M08035 Datasheet(PDF) 34 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 34 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
34
080x5-DSH-001
When SDALG is high it also sets the SD/xHD pin high when the reclocker is unlocked. This is used when the user
requires other SD rates such as 143 Mbps and 360 Mbps to be output from the cable driver with the slow SD edge
when the reclocker is not locked.
4.9
xALARM
The xALARM output pin is provided so the user can monitor alarm activity on the reclocker. The output is open
drain as shown in Figure 3-10. Table 4-12 shows the reclocker alarms and their function. The assertion of any of
the alarms in Table 4-12 will trigger xALARM.
The xAlarm pin may be used when the device is controlled using standard four-wire or two-wire serial interfaces
(SIC4 and SIC2). The xAlarm pin operates in an interrupt mode. It goes low on the assertion of any of the internal
alarm flags and stays low for a fixed period of time before returning to high (see Figure 4-9). This period is set by
the Interrupt Control register (0Eh). By default this is 0 and that corresponds to 20 ns. The maximum period is
2.560 µs, when INT[3:0] is set to Fh.
The xAlarm pin is designed to be connected to a microprocessor's interrupt pin. After the interrupt occurs, the
microprocessor can read the reclocker's alarm registers to determine which alarm was asserted.
Table 4-11.
SD/xHD Output Algorithm
Rate (Gbps)
SD/xHD Pin
SDALG Bit = 0
SDALG Bit = 1
0.270
H
H
1.485/1.4835
L
L
2.97/2.967
L
L
unlocked
L
H
NOTE:
Please note that xAlarm is not supported in hardware control mode (HIC).
Table 4-12.
Reclocker Alarm Function
Alarm
Function
LOS
Asserted when input signal goes below LOS threshold as set in register 06h.
LOL
Asserted when reclocker cannot lock to the incoming data.
NOREF
Asserted when no input reference is present at the reference clock inputs.
REFLOL
Asserted when frequency lock block cannot lock to the reference clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com