Electronic Components Datasheet Search
  English  ▼

X  

M08035 Datasheet(PDF) 27 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 27 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
27
080x5-DSH-001
On a Write cycle, any bits that follow the expected number of bits are ignored, and only the first 15 bits following SB
and OP are used. On a Read cycle, any extra clock cycles will result in the repeat of the data LSB. An invalid SB or
OP renders the operation undefined. The falling edge of xCS always resets the serial operation for a new Read or
Write cycle.
Detailed timing information is shown below.
Figure 4-7.
Four-Wire Sequential WRITE
Table 4-4.
Four-wire Interface Timing
Timing Symbol
Description
Min
Max
Unit
Tds
Data set-up time
5
—
ns
Tdh
Data hold time
5
—
ns
Tcs
xCS set-up time
5
—
ns
Tch
xCS hold time
5
—
ns
Tfreq, write
Four-wire interface write clock frequency
—
40
MHz
Tfreq, read
Four-wire interface clock read frequency,
DVDDIO=2.5 V or 3.3 V
—40
MHz
Four-wire interface read clock frequency, DVDDIO=1.8 V
—
20
MHz
Four-wire interface read clock frequency, DVDDIO=1.2 V
—
5
MHz
TDUTY
SCLK duty cycle
40
60
%
Tdd
Read data output delay
(measured with max 30 pF loading, DVDDIO=3.3 V)
18
ns
SCLK
xCS
1
SI
SO
2
3
...
11
12
13
14
...
20
21
Address[7:0]
1st Data[7:0]
R/W
22
23
...
29
30
2nd Data[7:0]
3rd Data[7:0]
Tcs
Tdh
Tds
1
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com