Electronic Components Datasheet Search
  English  ▼

X  

LM3642TLE Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3642TLE
Description  Synchronous Boost LED Flash Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3642TLE Datasheet HTML 3Page - Texas Instruments LM3642TLE Datasheet HTML 4Page - Texas Instruments LM3642TLE Datasheet HTML 5Page - Texas Instruments LM3642TLE Datasheet HTML 6Page - Texas Instruments LM3642TLE Datasheet HTML 7Page - Texas Instruments LM3642TLE Datasheet HTML 8Page - Texas Instruments LM3642TLE Datasheet HTML 9Page - Texas Instruments LM3642TLE Datasheet HTML 10Page - Texas Instruments LM3642TLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2.7 3.0 3.3 3.6 3.9 4.1 4.4 4.7 5.0 5.3 5.5
5.00
5.03
5.06
5.09
5.12
5.15
5.18
5.21
5.24
5.27
5.30
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
0.10
0.11
0.12
0.13
0.15
0.15
0.16
0.17
0.18
0.19
0.20
VIN (V)
2.8 3.1 3.4 3.7 3.9 4.2 4.5 4.7 5.0 5.3 5.5
1.00
1.06
1.12
1.18
1.24
1.30
1.36
1.42
1.48
1.54
1.60
VIN (V)
1.5A
1.4A
1.31A
1.22A
1.1125A
2.8 3.0 3.1 3.3 3.4 3.5 3.7 3.8 4.0 4.1 4.2
0.15
0.18
0.20
0.23
0.25
0.28
0.30
0.33
0.35
0.38
0.40
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
VIN (V)
+25°C
+85°C
- 40°C
2.8 3.0 3.2 3.4 3.5 3.7 3.9 4.0 4.2 4.4 4.5
0.330
0.337
0.344
0.351
0.358
0.365
0.372
0.379
0.386
0.393
0.400
VIN(V)
+25°C
+85°C
-40°C
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Figure 2. Flash LED Current vs. VIN
Figure 3. Torch LED Current vs. VIN
VLED = 3.8 V, ILED = 1.5 A
VLED = 3.7 V, ILED = 375 mA
Figure 5. Flash Headroom Voltage vs. VIN
Figure 4. High Codes Flash LED Current vs. VIN
VLED = 3.8 V, ILED = 1 A
VLED = 3.8 V, Temp = 25°C
Figure 6. Torch Headroom Voltage vs. VIN
Figure 7. Output Voltage vs. VIN
VLED = 3.7 V, ILED = 375 mA
VLED = 3.8 V
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com