Electronic Components Datasheet Search
  English  ▼

X  

LM3642TLE Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3642TLE
Description  Synchronous Boost LED Flash Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3642TLE Datasheet HTML 4Page - Texas Instruments LM3642TLE Datasheet HTML 5Page - Texas Instruments LM3642TLE Datasheet HTML 6Page - Texas Instruments LM3642TLE Datasheet HTML 7Page - Texas Instruments LM3642TLE Datasheet HTML 8Page - Texas Instruments LM3642TLE Datasheet HTML 9Page - Texas Instruments LM3642TLE Datasheet HTML 10Page - Texas Instruments LM3642TLE Datasheet HTML 11Page - Texas Instruments LM3642TLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
2.8 3.0 3.1 3.3 3.4 3.5 3.7 3.8 4.0 4.1 4.2
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
VIN (V)
+25°C
+85°C
-40°C
2.7 2.9 3.1 3.3 3.5 3.6 3.8 4.0 4.2 4.4 4.5
4.00
4.01
4.02
4.03
4.04
4.05
4.06
4.07
4.08
4.09
4.10
VIN (V)
+25°C
+85°C
- 40°C
2.6 2.8 3.0 3.1 3.3 3.4 3.6 3.8 3.9 4.1 4.2
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
VIN (V)
+25°C
+85°C
- 40°C
2.6 2.8 3.0 3.1 3.3 3.4 3.6 3.8 3.9 4.1 4.2
1.68
1.70
1.71
1.72
1.73
1.74
1.76
1.77
1.78
1.79
1.80
VIN (V)
+25°C
+85°C
- 40°C
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. Peak Input Current Limit vs. VIN
Figure 9. Peak Input Current Limit vs. VIN
VLED = 3.8V, IIN Setting = 1.9 A
VLED = 3.8 V, IIN Setting = 1.7 A
Figure 10. Average Input Current Limit vs. VIN
Figure 11. Switching Frequency vs. VIN
VLED = 3.8 V, IIN Setting = 1.9 A
VLED = 3.8 V
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com