Electronic Components Datasheet Search
  English  ▼

X  

LM3642TLE Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3642TLE
Description  Synchronous Boost LED Flash Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE Datasheet(HTML) 1 Page - Texas Instruments

  LM3642TLE Datasheet HTML 1Page - Texas Instruments LM3642TLE Datasheet HTML 2Page - Texas Instruments LM3642TLE Datasheet HTML 3Page - Texas Instruments LM3642TLE Datasheet HTML 4Page - Texas Instruments LM3642TLE Datasheet HTML 5Page - Texas Instruments LM3642TLE Datasheet HTML 6Page - Texas Instruments LM3642TLE Datasheet HTML 7Page - Texas Instruments LM3642TLE Datasheet HTML 8Page - Texas Instruments LM3642TLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
OUT
SW
TX/TORCH
SDA
SCL
1 2H
10 2F
10 2F
STROBE
LED
Flash
LED
2.5V to 5.5V
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
1 Features
3 Description
The LM3642 is a 4-MHz fixed-frequency synchronous
1
•
1.5-A High-Side Current Source for Single LED
boost converter plus 1.5-A constant current driver for
•
> 85% Efficiency in Torch Mode (at 100 mA) and
a high-current white LED. The high-side current
Flash Mode (at 1 A to 1.5 A)
source allows for grounded cathode LED operation
•
Accurate Programmable Flash LED Current from
providing Flash current up to 1.5 A. An adaptive
regulation
method
ensures
the
current
source
93 mA to 1.5 A
remains in regulation and maximizes efficiency.
•
Accurate Programmable Torch LED Currents:
The LM3642 is controlled via an I2C-compatible
–
48.4 mA to 375 mA
interface. Features include a hardware flash enable
–
24 mA to 187 mA (LT option)
(STROBE) allowing a logic input to trigger the flash
•
Small Solution Size: < 20 mm2
pulse as well as a TX input which forces the flash
•
Soft-Start Operation for Battery Protection
pulse into a low-current Torch Mode, allowing for
synchronization to RF power amplifier events or other
•
Hardware Strobe Enable
high-current conditions.
•
Synchronization Input for RF Power Amplifier
The
4-MHz
switching
frequency,
overvoltage
Pulse Events
protection and adjustable current limit settings allow
•
VIN Flash Monitor Optimization
the use of tiny, low-profile inductors and (10-µF)
•
400-kHz I2C-Compatible Interface
ceramic capacitors. The device is available in a small
•
0.5-mm Pitch, 9-Bump DSBGA
9-bump DSBGA package and operates over the
−40°C to 85°C temperature range.
2 Applications
Device Information(1)
Camera Phone LED Flash
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3642
DSBGA (9)
1.69 mm × 1.64 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3642TLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642TLE-LT/NOPB TI2-LM3642TLE-LT/NOPB Datasheet
530Kb / 30P
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED SEPTEMBER 2015
LM3642TLE-LT/NOPB.A TI2-LM3642TLE-LT/NOPB.A Datasheet
530Kb / 30P
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED SEPTEMBER 2015
LM3642TLE-LT/NOPB.B TI2-LM3642TLE-LT/NOPB.B Datasheet
530Kb / 30P
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED SEPTEMBER 2015
LM3642TLE/NOPB TI2-LM3642TLE/NOPB Datasheet
530Kb / 30P
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED SEPTEMBER 2015
LM3642TLE/NOPB.A TI2-LM3642TLE/NOPB.A Datasheet
530Kb / 30P
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
REVISED SEPTEMBER 2015
More results

Similar Description - LM3642TLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
Synchronous Boost Flash Driver
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
Synchronous Boost Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com