Electronic Components Datasheet Search
  English  ▼

X  

1058813 Datasheet(PDF) 2 Page - SICK AG

Part # 1058813
Description  LINEAR MEASUREMENT SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1058813 Datasheet(HTML) 2 Page - SICK AG

  1058813 Datasheet HTML 1Page - SICK AG 1058813 Datasheet HTML 2Page - SICK AG 1058813 Datasheet HTML 3Page - SICK AG 1058813 Datasheet HTML 4Page - SICK AG 1058813 Datasheet HTML 5Page - SICK AG 1058813 Datasheet HTML 6Page - SICK AG 1058813 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OLM200-1008 | OLM200
LINEAR MEASUREMENT SENSORS
Ordering information
Type
Part no.
OLM200-1008
1058813
Other models and accessories
www.sick.com/OLM200
Detailed technical data
Performance
Resolution
0.1 mm, 1 mm, 10 mm, 100 mm
Repeatability
0.15 mm 1)
Response time
10 ms 2)
Output time
2.5 ms
Light source
LED, red
Measurement range
0 m ... 10,000 m 3)
Accuracy of speed output
± 5 mm/s
Max. movement speed
10 m/s
Sensing distance
100 mm, ± 20 mm
Bar code width
30 mm
1) Statistical error 3 s, no warm-up time required.
2) Response time of switching output.
3) Dependent on the set resolution and transfer protocol.
Interfaces
Data transmission rate
100 Mbit/s
Switching output
Multifunctional output MF1: PNP, Multifunctional output MF1: NPN 1)
Data interface
EtherNet/IP 2)
Switching input
Multifunctional input MF2
1) Functions of switching output MF1 PNP/MF1 NPN: position, speed, control mark Q00 (off), Q01 (on), illumination on/off, service [prefailure (dirt/LED life time), no
bar code tape, over/under temperature, out of range 0 km > position > 10 km, internal error].
2) Industrial level mit Device Level Ring (DLR)
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V 1)
1) Limit values, reverse-polarity protected.
2) May not exceed or fall below Uv tolerances.
3) Switching outputs MF1 short-circuit protected.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com