Electronic Components Datasheet Search
  English  ▼

X  

1058813 Datasheet(PDF) 3 Page - SICK AG

Part # 1058813
Description  LINEAR MEASUREMENT SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1058813 Datasheet(HTML) 3 Page - SICK AG

  1058813 Datasheet HTML 1Page - SICK AG 1058813 Datasheet HTML 2Page - SICK AG 1058813 Datasheet HTML 3Page - SICK AG 1058813 Datasheet HTML 4Page - SICK AG 1058813 Datasheet HTML 5Page - SICK AG 1058813 Datasheet HTML 6Page - SICK AG 1058813 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OLM200-1008 | OLM200
LINEAR MEASUREMENT SENSORS
Ripple
≤ 5 Vpp 2)
Power consumption
< 5.5 W
Initialization time
10 s
Housing material
Magnesium
Zinc
Weight
Approx. 291 g
Output current IA
≤ 100 mA 3)
1) Limit values, reverse-polarity protected.
2) May not exceed or fall below Uv tolerances.
3) Switching outputs MF1 short-circuit protected.
Ambient data
Enclosure rating
IP 65 (EN 60 529)
Protection class
III
Electromagnetic compatibility (EMC)
EN 61000-6-2 / EN 61000-6-4 1)
Ambient temperature
Operation: –30 °C ... +60 °C 2)
Storage: –40 °C ... +75 °C 3)
Typ. Ambient light immunity
≤ 30,000 lx 4)
Vibration resistance
DIN/EN 60068-2-6, DIN/EN 60068-2-64
Shock resistance
DIN/EN 60068-2-27
1) This is a Class A device. This device can cause radio interference in living quarters.
2) Temperatures < –20 °C with 5 min warm up time.
3) Max. 95 % humidity, non-condensing.
4) Typ. value at +25 °C ambient temperature.
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com