Electronic Components Datasheet Search
  English  ▼

X  

1058813 Datasheet(PDF) 5 Page - SICK AG

Part # 1058813
Description  LINEAR MEASUREMENT SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1058813 Datasheet(HTML) 5 Page - SICK AG

  1058813 Datasheet HTML 1Page - SICK AG 1058813 Datasheet HTML 2Page - SICK AG 1058813 Datasheet HTML 3Page - SICK AG 1058813 Datasheet HTML 4Page - SICK AG 1058813 Datasheet HTML 5Page - SICK AG 1058813 Datasheet HTML 6Page - SICK AG 1058813 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OLM200-1008 | OLM200
LINEAR MEASUREMENT SENSORS
Connection type
Connection type
1
2
3
4
Port 1
Port 2
①  Ethernet port 1, M12 female connector, 4-pin
②  EtherNet port 2, socket M12, 4-pin
③  Not assigned
④  Connector M12, 5-pin
Connection diagram
L+ (18 ... 30 V)
MF1
M (0 V)
MF1
MF2
NPN
PNP
not connected
1/2
3
4
①  Ethernet, M12 female connector, 4-pin
②  Ethernet, M12 female connector, 4-pin
③  Not assigned
④  Connector M12, 5-pin
Ethernet connection diagram
1/2
①  Ethernet port 1, M12 female connector, 4-pin
②  Ethernet port 1, M12 female connector, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/OLM200
Brief description
Type
Part no.
Other mounting accessories
4 pieces, Sliding nut set, M5, 4x, Included in delivery
Sliding nuts
2017550
Plug connectors and cables
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com