Electronic Components Datasheet Search
  English  ▼

X  

ADC1005 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1005
Description  10-Bit P Compatible A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1005 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC1005 Datasheet HTML 3Page - National Semiconductor (TI) ADC1005 Datasheet HTML 4Page - National Semiconductor (TI) ADC1005 Datasheet HTML 5Page - National Semiconductor (TI) ADC1005 Datasheet HTML 6Page - National Semiconductor (TI) ADC1005 Datasheet HTML 7Page - National Semiconductor (TI) ADC1005 Datasheet HTML 8Page - National Semiconductor (TI) ADC1005 Datasheet HTML 9Page - National Semiconductor (TI) ADC1005 Datasheet HTML 10Page - National Semiconductor (TI) ADC1005 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Block Diagram
Functional Description
1.0 GENERAL OPERATION
A block diagram of the A/D converter is shown in
Figure 1. All
of the inputs and outputs are shown and the major logic con-
trol paths are drawn in heavier weight lines.
1.1 Converter Operation
The ADC1005 uses an advanced potentiometric resistive
ladder network. The analog inputs, as well as the taps of this
ladder network are switched into a weighted capacitor array.
The output of this capacitor array is the input to a sampled
data comparator. This comparator allows the successive ap-
proximation logic to match the analog input voltage [V
IN(+) –
V
IN(−)] to taps on the R network. The most significant bit is
tested first and after 10 comparisons (80 clock cycles) a digi-
tal 10-bit binary code (all “1”s = full-scale) is transferred to an
output latch.
1.2 Starting a Conversion
The conversion is initialized by taking CS and WR simulta-
neously low. This sets the start flip-flop (F/F) and the result-
ing “1” level resets the 10-bit shift register, resets the inter-
rupt (INTR) F/F and inputs a “1” to the D flop, F/F1, which is
at the input end of the 10-bit shift register. Internal clock sig-
nals then transfer this “1” to the Q ouput of F/F1. The AND
gate, G1, combines this “1” output with a clock signal to pro-
vide a reset signal to the start F/F. If the set signal is no
longer present (either WR or CS is a “1”) the start F/F is reset
and the 10-bit shift register then can have the “1” clocked in,
allowing the conversion process to continue. If the set signal
were still present, this reset pulse would have no effect and
the 10-bit shift register would continue to be held in the reset
mode. This logic therefore allows for wide CS and WR sig-
nals. The converter will start after at least one of these sig-
nals returns high and the internal clocks again provide a re-
set signal for the start F/F.
To summarize, on the high-to-low transition of the WR input
the internal SAR latches and the shift register stages are re-
set. As long as the CS input and WR input remain low, the
A/D will remain in a reset state.
Conversion will start after at
least one of these inputs makes a low-to-high transition.
1.3 Output Control
After the “1” is clocked through the 10-bit shift register (which
completes the SAR search) it causes the new digital word to
transfer to the TRI-STATE output latches. When the XFER
DS005261-11
Note 9: CS shown twice for clarity.
Note 10: SAR=Successive Approximation Register.
FIGURE 1.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com