Electronic Components Datasheet Search
  English  ▼

X  

ADC1005 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1005
Description  10-Bit P Compatible A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1005 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC1005 Datasheet HTML 4Page - National Semiconductor (TI) ADC1005 Datasheet HTML 5Page - National Semiconductor (TI) ADC1005 Datasheet HTML 6Page - National Semiconductor (TI) ADC1005 Datasheet HTML 7Page - National Semiconductor (TI) ADC1005 Datasheet HTML 8Page - National Semiconductor (TI) ADC1005 Datasheet HTML 9Page - National Semiconductor (TI) ADC1005 Datasheet HTML 10Page - National Semiconductor (TI) ADC1005 Datasheet HTML 11Page - National Semiconductor (TI) ADC1005 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description (Continued)
signal makes a high-to-low transition the one shot fires, set-
ting the INTR F/F. An inverting buffer then supplies the INTR
output signal.
Note that this SET control of the INTR F/F remains low for
approximately 400 ns. If the data output is continuously en-
abled (CS and RD both held low) the INTR output will still
signal the end of the conversion (by a high-to-low transition).
This is because the SET input can control the Q output of the
INTR F/F even though the RESET input is constantly at a “1”
level. This INTR output will therefore stay low for the duration
of the SET signal.
When data is to be read, the combination of both CS and RD
being low will cause the INTR F/F to be reset and the
TRI-STATE output latches will be enabled.
1.4 Free-Running and Self-Clocking Modes
For operation in the free-running mode an initializing pulse
should be used, following power-up, to ensure circuit opera-
tion. In this application, the CS input is grounded and the WR
input is tied to the INTR output. This WR and INTR node
should be momentarily forced to logic low following a
power-up cycle to ensure start up.
The clock for the A/D can be derived from the CPU clock or
an external RC can be added to provide self-clocking. The
CLK IN makes use of a Schmitt trigger as shown in
Figure 2.
2.0 REFERENCE VOLTAGE
The voltage applied to the reference input of these convert-
ers defines the voltage span of the analog input (the differ-
ence between V
IN(MAX) and VIN(MIN)) over which the 1024
possible output codes apply. The devices can be used in ei-
ther ratiometric applications or in systems requiring absolute
accuracy. The reference pin must be connected to a voltage
source capable of driving the reference input resistance of
typically 4.8 k
Ω. This pin is the top of a resistor divider string
used for the successive approximation conversion.
In a ratiometric system (
Figure 3) the analog input voltage is
proportional to the voltage used for the A/D reference. This
voltage is typically the system power supply, so the V
REF pin
can be tied to V
CC. This technique relaxes the stability re-
quirements of the system references as the analog input and
A/D reference move together maintaining the same output
code for a given input condition.
For absolute accuracy (
Figure 4), where the analog input
varies between very specific voltage limits, the reference pin
can be biased with a time and temperature stable voltage
source. The LM385 and LM336 reference diodes are good
low current devices to use with these converters.
The maximum value of the reference is limited to the V
CC
supply voltage. The minimum value, however, can be small
to allow direct conversions of transducer outputs providing
less than a 5V output span. Particular care must be taken
with regard to noise pickup, circuit layout, and system error
voltage sources when operating with a reduced span due to
the increased sensitivity of the converter (1 LSB equals
V
REF/1024).
3.0 THE ANALOG INPUTS
3.1 Analog Differential Voltage Inputs and
Common-Mode Rejection
The differential inputs of these converters reduce the effects
of common-mode input noise, which is defined as noise
common to both selected “+” and “−” inputs (60 Hz is most
typical). The time interval between sampling the “+” input
and the “−” input is half of an internal clock period. The
DS005261-12
FIGURE 2. Self-Clocking the A/D
DS005261-17
FIGURE 3. Ratiometric
DS005261-18
FIGURE 4. Absolute with a Reduced Span
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com