Electronic Components Datasheet Search
  English  ▼

X  

ADC1005 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1005
Description  10-Bit P Compatible A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1005 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC1005 Datasheet HTML 1Page - National Semiconductor (TI) ADC1005 Datasheet HTML 2Page - National Semiconductor (TI) ADC1005 Datasheet HTML 3Page - National Semiconductor (TI) ADC1005 Datasheet HTML 4Page - National Semiconductor (TI) ADC1005 Datasheet HTML 5Page - National Semiconductor (TI) ADC1005 Datasheet HTML 6Page - National Semiconductor (TI) ADC1005 Datasheet HTML 7Page - National Semiconductor (TI) ADC1005 Datasheet HTML 8Page - National Semiconductor (TI) ADC1005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Logic Control Inputs
−0.3V to +15V
Voltage at Other Inputs and Outputs
−0.3V to V
CC +0.3V
Input Current Per Pin
±5mA
Input Current Per Package
±20 mA
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
Lead Temperature
(Soldering, 10 seconds)
Dual-In-Line Package (Ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 8)
800V
Operating Ratings (Notes 1, 2)
Supply Voltage (V
CC)
4.5V to 6.0V
Temperature Range
T
MN≤TA≤TMAX
ADC1005BCJ, ADC1005CCJ
−40˚C
≤T
A≤+85˚C
ADC1005BCJ-1, ADC1005CCJ-1
Electrical Characteristics
The following specifications apply for V
CC = 5V, VREF = 5V, fCLK = 1.8 MHz unless otherwise specified. Boldface limits apply
from T
MIN to TMAX; All other limits TA = Tj = 25˚C.
Parameter
Conditions
ADC1005BCJ
ADC1005BCJ-1,
Limit
Units
ADC1005CCJ
ADC1005CCJ-1
Typ
Tested
Design
Typ
Tested
Design
(Note 5)
Limit
Limit
(Note 5)
Limit
Limit
(Note 6)
(Note 7)
(Note 6)
(Note 7)
Converter Characteristics
Linearity Error (Note 3)
ADC1005BCJ
±0.5
LSB
ADC1005BCJ-1
±0.5
±0.5
LSB
ADC1005CCJ
±1
LSB
ADC1005CCJ-1, CCV
±1
±1
LSB
Zero Error
ADC1005BCJ
±0.5
LSB
ADC1005BCJ-1
±0.5
±0.5
LSB
ADC1005CCJ
±1
LSB
ADC1005CCJ-1, CCV
±1
±1
LSB
Fullscale Error
ADC1005BCJ
±0.5
LSB
ADC1005BCJ-1
±0.5
±0.5
LSB
ADC1005CCJ
±1
LSB
ADC1005CCJ-1, CCV
±1
±1
LSB
Reference
MIN
4.8
2.2
4.8
2.4
2.2
k
Ω
Input
MAX
4.8
8.3
4.8
7.6
8.3
k
Ω
Resistance
Common-Mode
MIN
V
CC+0.05
V
CC+0.05
V
CC+0.05
V
Input (Note 4)
MAX
V
IN(+) or VIN(−)
GND−0.05
GND−0.05
GND−0.05
V
DC Common-Mode
Over
Common-Mode
±1⁄8
±1⁄4
±1⁄8
±1⁄4
±1⁄4
LSB
Error
Input Range
Power Supply Sensitivity
V
CC=5VDC±5%
±1⁄8
±1⁄4
±1⁄8
±1⁄4
±1⁄4
LSB
V
REF = 4.75V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com