Electronic Components Datasheet Search
  English  ▼

X  

ADC12041 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12041
Description  12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12041 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC12041 Datasheet HTML 15Page - National Semiconductor (TI) ADC12041 Datasheet HTML 16Page - National Semiconductor (TI) ADC12041 Datasheet HTML 17Page - National Semiconductor (TI) ADC12041 Datasheet HTML 18Page - National Semiconductor (TI) ADC12041 Datasheet HTML 19Page - National Semiconductor (TI) ADC12041 Datasheet HTML 20Page - National Semiconductor (TI) ADC12041 Datasheet HTML 21Page - National Semiconductor (TI) ADC12041 Datasheet HTML 22Page - National Semiconductor (TI) ADC12041 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Typical Performance Characteristics (Continued) The curves were obtained under the following
conditions. R
S =50Ω,TA = 25˚C, VA+=VD+ = 5V, VREF = 4.096V, fCLK = 12 MHz, and the sampling rate fS = 215 kHz
unless otherwise stated. (Continued)
Register Bit Description
CONFIGURATION REGISTER (Write Only)
This is an 8-bit write-only register that is used to program the functionality of the ADC12041. All data written to the ADC12041 will
always go to this register only. The contents of this register cannot be read.
MSB
LSB
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
COMMAND
SYNC
BW
SE
ACQ TIME
FIELD
Power on State: 10 Hex
Full Scale Differential 38,452 Hz Sine Wave Input
DS012441-35
Full Scale Differential 79,468 Hz Sine Wave Input
DS012441-36
Half Scale Differential 1 kHz Sine Wave Input, f
S =
153.6 kHz
DS012441-37
Half Scale Differential 20 kHz Sine Wave Input, f
S =
153.6 kHz
DS012441-38
Half Scale Differential 40 kHz Sine Wave Input, f
S =
153.6 kHz
DS012441-39
Half Scale Differential 75 kHz Sine Wave Input, f
S =
153.6 kHz
DS012441-40
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com