Electronic Components Datasheet Search
  English  ▼

X  

ADC12041 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12041
Description  12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12041 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC12041 Datasheet HTML 19Page - National Semiconductor (TI) ADC12041 Datasheet HTML 20Page - National Semiconductor (TI) ADC12041 Datasheet HTML 21Page - National Semiconductor (TI) ADC12041 Datasheet HTML 22Page - National Semiconductor (TI) ADC12041 Datasheet HTML 23Page - National Semiconductor (TI) ADC12041 Datasheet HTML 24Page - National Semiconductor (TI) ADC12041 Datasheet HTML 25Page - National Semiconductor (TI) ADC12041 Datasheet HTML 26Page - National Semiconductor (TI) ADC12041 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Features and Operating Modes
(Continued)
degrade the conversion result. In the SYNC-IN mode, only
the rising edge of the SYNC signal will begin a conversion
cycle. The RDY signal will go low when the conversion cycle
is done. The acquisition time is controlled by the SYNC sig-
nal. The acquisition period begins after the falling edge of the
RDY signal. The input is sampled until the rising edge of the
SYNC pulse, at which time the signal will be held and con-
version begins. The RDY signal will go low when the conver-
sion is done and a new operational command may be written
into the Configuration register at this time, if needed. With
the START command in the Configuration register, a read
from the ADC12041 will place the entire conversion result
stored in the Data register on the data bus and the rising
edge of the read pulse will force the RDY signal high.
STANDBY COMMAND
8-bit mode: A write to the ADC12041 should clear the BW bit
and issue the Standby command.
13-bit mode: A write to the ADC12041 should set the BW bit
and issue the Standby command.
RESET
The RESET command places the ADC12041 into a ready
state and forces the RDY signal low. The RESET command
can be used to interrupt the ADC12041 while it is performing
a conversion, full-calibration or auto-zero cycle. It can also
be used to get the ADC12041 out of the standby mode.
Analog Application Information
REFERENCE VOLTAGE
The ADC12041 has two reference inputs, V
REF+ and VREF−.
They define the zero to full-scale range of the analog input
signals over which 4095 positive and 4096 negative codes
exist. The reference inputs can be connected to span the en-
tire supply voltage range (V
REF− = AGND, VREF+=VA+) or
they can be connected to different voltages when other input
spans are required. The reference inputs of the ADC12041
have transient capacitive switching currents. The voltage
sources driving V
REF+ and VREF− must have very low output
impedence and noise and must be adequately bypassed.
The circuit in
Figure 20 is an example of a very stable refer-
ence source.
The ADC12041 can be used in either ratiometric or absolute
reference applications. In ratiometric systems, the analog in-
put voltage is proportional to the voltage used for the ADC’s
reference voltage. This technique relaxes the system refer-
ence requirements because the analog input voltage moves
with the ADC’s reference. The system power supply can be
used as the reference voltage by connecting the V
REF+ pin
to V
A+ and the VREF− pin to AGND. For absolute accuracy,
where the analog input voltage varies between very specific
voltage limits, a time and temperature stable voltage source
can be connected to the reference inputs. Typically, the ref-
erence voltage’s magnitude will require an initial adjustment
to null reference voltage induced full-scale errors.
The reference voltage inputs are not fully differential. The
ADC12041
will
not
generate
correct
conversions
if
(V
REF+) – (VREF−) is below 1V. Figure 19 shows the allow-
able relationship between V
REF+ and VREF−.
OUTPUT DIGITAL CODE VERSUS ANALOG INPUT
VOLTAGE
The ADC12041’s fully differential 12-bit + sign ADC gener-
ates a two’s complement output that is found by using the
equation shown below:
Round off the result to the nearest integer value between
-4096 and 4095.
DS012441-43
FIGURE 19. V
REF Operating Range
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com