Electronic Components Datasheet Search
  English  ▼

X  

28552 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 28552
Description  RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28552 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  28552 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1694A Coax - Low Loss Serial Digital Coax
Operating Temperature Range
-30°C To +75°C
UL Temperature Rating
75°C
Bulk Cable Weight
40 lbs/1000 ft.
Max. Recommended Pulling Tension
69 lbs.
Min. Bend Radius (Install)
2.75 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMR
CEC/C(UL) Specification
CMG
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1666 Vertical Shaft
SWEEP TEST:
Sweep Testing
100% Sweep tested 5 MHz to 4.5 GHz.
SUITABILITY:
Suitability - Indoor
Yes
Suitability - Outdoor
Yes - Black only
Suitability - Aerial
Yes - Black only, when supported by a messenger wire
Suggested Connectors
AMP 221185-1 Dual Crimp Gold Pin BNC (75 Ohms); Amphenol 31-70000 Dual
Crimp Gold Pin BNC (75 Ohms); Kings 2065-10-9 Dual Crimp Gold Pin (75
Ohms); Trompeter UPL220-20 Dual Crimp Gold Pin BNC (75 Ohm); ADC BNC-
1694D Dual Crimp Gold Pin BNC (75 Ohm)
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
1695A
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
75 Ohms
Nom. Inductance
0.106 µH/ft
Nom. Capacitance Conductor to Shield
16.2 pF/ft
Nominal Velocity of Propagation
82 %
Nominal Delay
1.24 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
6.4 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20°C
2.8 Ohms/1000 ft
Minimum Return Loss :
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com