Electronic Components Datasheet Search
  English  ▼

X  

28552 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 28552
Description  RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28552 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  28552 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1694A Coax - Low Loss Serial Digital Coax
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Minimum Return Loss
(dB)
5
1600
23
1600
4500
21
Nom. Attenuation :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
0.24
3.58
0.45
5
0.54
7
0.63
10
0.72
67.5
1.57
71.5
1.60
88.5
1.75
100
1.84
135
2.10
143
2.16
180
2.42
270
2.97
360
3.43
540
4.25
720
4.95
750
5.00
1000
5.89
1500
7.33
2000
8.57
2250
9.14
3000
10.67
4500
13.29
Max. Operating Voltage - UL
300 V RMS
Other Electrical Characteristic 1
Impedance tested in accordance with ASTM D-4566 paragraph 43.2, option 2 using
a 75 Ohm fixed bridge and termination. 75 +/- 1.5 Ohms
Other Electrical Characteristic 2
Return Loss tested in accordance with ASTM D-4566 paragraph 45.3, using a 75
Ohm fixed bridge and termination.
NOTES:
Notes
Also available in bundled versions. See 7710A through 7713A.
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
1694A 0011000
#18 PE/GIFHDPE
SH FR PVC
1000
45
BROWN
C
1694A 0014500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
BROWN
C
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com