Electronic Components Datasheet Search
  English  ▼

X  

28552 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 28552
Description  RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28552 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  28552 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28552 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1694A Coax - Low Loss Serial Digital Coax
1694A 0021000
#18 PE/GIFHDPE
SH FR PVC
1000
45
RED
C
1694A 0024500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
RED
C
1694A 0031000
#18 PE/GIFHDPE
SH FR PVC
1000
45
ORANGE
C
1694A 0034500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
ORANGE
C
1694A 0041000
#18 PE/GIFHDPE
SH FR PVC
1000
45
YELLOW
C
1694A 0044500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
YELLOW
C
1694A 0061000
#18 PE/GIFHDPE
SH FR PVC
1000
45
BLUE, LIGHT
C
1694A 0064500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
BLUE, LIGHT
C
1694A 0071000
#18 PE/GIFHDPE
SH FR PVC
1000
45
VIOLET
C
1694A 0074500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
VIOLET
C
1694A 0081000
#18 PE/GIFHDPE
SH FR PVC
1000
45
GRAY
C
1694A 0084500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
GRAY
C
1694A 0091000
#18 PE/GIFHDPE
SH FR PVC
1000
45
WHITE
C
1694A 0094500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
WHITE
C
1694A 0101000
#18 PE/GIFHDPE
SH FR PVC
1000
45
BLACK
C
1694A 0104500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
BLACK
C
1694A 010500
#18 PE/GIFHDPE
SH FR PVC
500
20.5
BLACK
C
1694A N3U1000
#18 PE/GIFHDPE
SH FR PVC
1000
45
GREEN, MIL
C
1694A N3U4500
#18 PE/GIFHDPE
SH FR PVC
4500
202.5
GREEN, MIL
C
C = CRATE REEL PUT-UP.
Revision Number: 10
Revision Date: 03-14-2006
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com