Electronic Components Datasheet Search
  English  ▼

X  

ADC12048 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12048
Description  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12048 Datasheet HTML 1Page - National Semiconductor (TI) ADC12048 Datasheet HTML 2Page - National Semiconductor (TI) ADC12048 Datasheet HTML 3Page - National Semiconductor (TI) ADC12048 Datasheet HTML 4Page - National Semiconductor (TI) ADC12048 Datasheet HTML 5Page - National Semiconductor (TI) ADC12048 Datasheet HTML 6Page - National Semiconductor (TI) ADC12048 Datasheet HTML 7Page - National Semiconductor (TI) ADC12048 Datasheet HTML 8Page - National Semiconductor (TI) ADC12048 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Connection Diagrams
Ordering Information
Industrial Temperature Range
Package
−40˚C
≤ T
A ≤ +85˚C
ADC12048CIV
PLCC
ADC12048CIVF
PQFP
ADC12048EVAL
Evaluation board
Pin Description
PLCC Pkg.
PQFP Pkg.
Pin Name
Description
Pin Number
Pin Number
6
44
CH0
The eight analog inputs to the Multiplexer. Active channels are selected
based on the contents of bits b3–b0 of the Configuration register. Refer
to section titled MUX for more details.
7
1
CH1
8
2
CH2
9
3
CH3
15
9
CH4
16
10
CH5
17
11
CH6
18
12
CH7
14
8
COM
This pin is another analog input pin used as a pseudo ground when the
multiplexer is configured in single-ended mode.
13
7
V
REF+
Positive reference input. The operating voltage range for this input is
1V
≤ V
REF+ ≤ VA+ (see Figure 3 and 4). This pin should be bypassed
to AGND at least with a parallel combination of a 10 µF and a 0.1 µF
(ceramic) capacitors. The capacitors should be placed as close to the
part as possible.
PLCC Package
DS012387-2
Order Number ADC12048CIV
See NS Package Number V44A
PQFP Package
DS012387-3
Order Number ADC12048CIVF
See NS Package Number VGZ44A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com