Electronic Components Datasheet Search
  English  ▼

X  

ADC12048 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12048
Description  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC12048 Datasheet HTML 19Page - National Semiconductor (TI) ADC12048 Datasheet HTML 20Page - National Semiconductor (TI) ADC12048 Datasheet HTML 21Page - National Semiconductor (TI) ADC12048 Datasheet HTML 22Page - National Semiconductor (TI) ADC12048 Datasheet HTML 23Page - National Semiconductor (TI) ADC12048 Datasheet HTML 24Page - National Semiconductor (TI) ADC12048 Datasheet HTML 25Page - National Semiconductor (TI) ADC12048 Datasheet HTML 26Page - National Semiconductor (TI) ADC12048 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Features and Operating Modes
(Continued)
being applied to the ADC inputs. The ADCIN+ and ADCIN−
are the fully differential non-inverting (positive) and inverting
(negative) inputs to the analog-to-digital converter (ADC) of
the ADC12048. If no external signal conditioning is required
on the signal output of the multiplexer, MUXOUT+ should be
connected to ADCIN+ and MUXOUT− should be connected
to ADCIN−.
The analog input multiplexer can be set up to operate in ei-
ther one of eight differential or eight single-ended (the COM
input as the zero reference) modes. In the differential mode,
the analog inputs are paired as follows: CH0 with CH1, CH2
with CH3, CH4 with CH5 and CH6 with CH7. The input chan-
nel pairs can be connected to the MUXOUT+ and
MUXOUT− pins in any order. In the single-ended mode, one
of the input channels, CH0 through CH7, can be assigned to
MUXOUT+ while the MUXOUT− is always assigned to the
COM input.
STANDBY MODE
The ADC12048 has a low power consumption mode (75 µW
@5V). This mode is entered when a Standby command is
written in the command field of the Configuration register. A
logic low appearing on the STDBY output pin indicates that
the ADC12048 is in the Standby mode. Any command other
than the Standby command written to the Configuration reg-
ister will get the ADC12048 out of the Standby mode. The
STDBY pin will immediately switch to a logic “1” as soon as
the ADC12048 is requested to get out of the standby mode.
The RDY pin will then be asserted low when the ADC is ac-
tually out of the Standby mode and ready for normal opera-
tion. The ADC12048 defaults to the Standby mode following
a hardware power-up. This can be verified by examining the
logic low status of the STDBY pin.
SYNC/ASYNC MODE
The ADC12048 may be programmed to operate in synchro-
nous (SYNC-IN) or asynchronous (SYNC-OUT) mode. To
enter synchronous mode, the SYNC bit in the Configuration
register must be set. The ADC12048 is in synchronous mode
after a hardware power-up. In this mode, the SYNC pin is
programmed as an input and conversions are synchronized
to the rising edges of the signal applied at the SYNC pin. Ac-
quisition time can also be controlled by the SYNC signal
when in synchronous mode. Refer to the sync-in timing dia-
grams. When the SYNC bit is cleared, the ADC is in asyn-
chronous mode and the SYNC pin is programmed as an out-
put. In asynchronous mode, the signal at the SYNC pin
indicates the status of the converter. This pin is high when
the converter is performing a conversion. Refer to the
sync-out timing diagrams.
SELECTABLE ACQUISITION TIME
The ADC12048’s internal sample/hold circuitry samples an
input voltage by connecting the input to an internal sampling
capacitor (approximately 70 pF) through an effective resis-
tance equal to the multiplexer “On” resistance (300
Ω max)
plus the “On” resistance of the analog switch at the input to
the sample/hold circuit (2500
Ω typical) and the effective out-
put resistance of the source. For conversion results to be ac-
curate, the period during which the sampling capacitor is
connected to the source (the “acquisition time”) must be long
enough to charge the capacitor to within a small fraction of
an LSB of the input voltage. An acquisition time of 750 ns is
sufficient when the external source resistance is less than
1k
Ω and any active or reactive source circuitry settles to
12 bits in less than 500 ns. When source resistance or
source settling time increase beyond these limits, the acqui-
sition time must also be increased to preserve precision.
In asynchronous (SYNC-OUT) mode, the acquisition time is
controlled by an internal counter. The minimum acquisition
period is 9 clock cycles, which corresponds to the nominal
value of 750 ns when the clock frequency is 12 MHz. Bits b
4
and b
5 of the Configuration Register are used to select the
acquisition time from among four possible values (9, 15, 47,
or 79 clock cycles). Since acquisition time in the asynchro-
nous mode is based on counting clock cycles, it is also in-
versely proportional to clock frequency:
Note that the actual acquisition time will be longer than T
ACQ
because acquisition begins either when the multiplexer
channel is changed or when RDY goes low, if the multiplexer
channel is not changed. After a read is performed, RDY goes
high, which starts the T
ACQ counter (see Figure 9).
In synchronous (SYNC-IN) mode, bits b
4 and b5 are ignored,
and the acquisition time depends on the sync signal applied
at the SYNC pin. If a new MUX channel is selected at the
start of the conversion, the acquisition period begins on the
active edge of the WR signal that latches in the new MUX
channel. If no new MUX channel is selected, the acquisition
period begins on the falling edge of RDY, which occurs at the
end of the previous conversion (or at the end of an autozero
or autocalibration procedure). The acquisition period ends
when SYNC goes high.
To estimate the acquisition time necessary for accurate con-
versions when the source resistance is greater than 1 k
Ω,
use the following expression:
where R
S is the source resistance, RM is the MUX “On” re-
sistance, and R
S/H is the sample/hold “On” resistance.
If the settling time of the source is greater than 500 ns, the
acquisition time should be about 300 ns longer than the set-
tling time for a “well-behaved”, smooth settling characteristic.
FULL CALIBRATION CYCLE
A full calibration cycle compensates for the ADC’s linearity
and offset errors. The converter’s DC specifications are
guaranteed only after a full calibration has been performed.
A full calibration cycle is initated by writing a Ful-Cal com-
mand to the ADC12048. During a full calibration, the offset
error is measured eight times, averaged and a correction co-
efficient is created. The offset correction coefficient is stored
in an internal offset correction register.
The overall Iinearity correction is achieved by correctng the
internal DAC’s capacitor mismatches. Each capacitor is
compared eight times against all remaining smaller value ca-
pacitors. The errors are averaged and correction coefficients
are created.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com