Electronic Components Datasheet Search
  English  ▼

X  

XCL212 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL212
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL212 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL212 Datasheet HTML 1Page - Torex Semiconductor XCL212 Datasheet HTML 2Page - Torex Semiconductor XCL212 Datasheet HTML 3Page - Torex Semiconductor XCL212 Datasheet HTML 4Page - Torex Semiconductor XCL212 Datasheet HTML 5Page - Torex Semiconductor XCL212 Datasheet HTML 6Page - Torex Semiconductor XCL212 Datasheet HTML 7Page - Torex Semiconductor XCL212 Datasheet HTML 8Page - Torex Semiconductor XCL212 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XCL211/XCL212
Series
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
NC
No Connection
2
Lx
Switching Output
3
Lx
Switching Output
4
NC
No Connection
5
FB
Output Voltage Monitor
6
CE
Chip Enable
7
AVIN
Analog Input
8
GND
Ground
9
PVIN
Power Input
10
L1
Inductor Electrodes
11
L2
Inductor Electrodes
■
CE PIN FUNCTION
PIN NAME
SIGNAL
STATUS
CE
Low
Stand-by
High
Active
* Please do not leave the CE pin open.
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
All voltages are described based on the ground voltage of GND.
(*1) Please connect PVIN pin (No.9) and AVIN pin (No.7) for use.
(*2) The maximum value should be either +7.0 or VPVIN+0.3 in the lowest.
(*3) It is measured when the two Lx pins (No.2 and 3) are tied up to each other.
PARAMETER
SYMBOL
RATINGS
UNIT
PVIN Pin Voltage
VPVIN
-0.3 ~ +7.0 (*1)
V
AVIN Pin Voltage
VAVIN
CE Pin Voltage
VCE
-0.3 ~ +7.0
V
FB Pin Voltage
VFB
-0.3 ~ +7.0
V
Lx Pin Voltage
VLx
-0.3 ~ +7.0 or VPVIN +0.3 (*2)
V
Lx Pin Current
ILx
±
6.0 (*3)
A
Power Dissipation
USP-11B01
Pd
1000
mW
Operating Ambient Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
USP-11B01
(BOTTOM VIEW)
* Please connect the AVIN pin (No.7) and the PVIN pin (No.9) when operating.
* Please connect the LX pins (No.2 and No.3).
NC
Lx
Lx
NC
FB
CE
GND
AVIN
PVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com