Electronic Components Datasheet Search
  English  ▼

X  

XCL212 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL212
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL212 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL212 Datasheet HTML 1Page - Torex Semiconductor XCL212 Datasheet HTML 2Page - Torex Semiconductor XCL212 Datasheet HTML 3Page - Torex Semiconductor XCL212 Datasheet HTML 4Page - Torex Semiconductor XCL212 Datasheet HTML 5Page - Torex Semiconductor XCL212 Datasheet HTML 6Page - Torex Semiconductor XCL212 Datasheet HTML 7Page - Torex Semiconductor XCL212 Datasheet HTML 8Page - Torex Semiconductor XCL212 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
XCL211/XCL212
Series
■
TEST CIRCUITS
< Circuit No.① >
< Circuit No.② >
< Circuit No.③ >
< Circuit No.④ >
< Circuit No.⑥ >
< Circuit No.⑤ >
※External Components
 CIN1 :20μF(ceramic)
CIN2 :1μF(ceramic)
CL :20μF(ceramic)
R1 :15kΩ
R2 :30kΩ
CFB :1000pF(ceramic)
 L
:1.5μH(Selected goods)
VCE
VIN
A
L
Wave Form Measure Point
LX
PVIN
GND
FB
AVIN
CE
L1
L2
CFB
V
A
R1
R2
CL
IOUT
CIN2
CIN1
VCE
VIN
A
LX
PVIN
GND
FB
AVIN
CE
L1
L2
1μF
VFB
VCE
VIN
LX
PVIN
GND
FB
AVIN
CE
L1
L2
1μF
VFB
200Ω
Wave Form Measure Point
VCE
VIN
LX
PVIN
GND
FB
AVIN
CE
L1
L2
1μF
VFB
ILx
Wave Form Measure Point
VCE
VIN
LX
PVIN
GND
FB
AVIN
CE
L1
L2
1μF
VFB
ILeakH
A
IFBH
A
IFBL
A
ICEH
ICEL
A
VCE
VIN
LX
PVIN
GND
FB
AVIN
CE
L1
L2
1μF
VFB
ILx
A
V
VLx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com