Electronic Components Datasheet Search
  English  ▼

X  

XCL212 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCL212
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL212 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCL212 Datasheet HTML 1Page - Torex Semiconductor XCL212 Datasheet HTML 2Page - Torex Semiconductor XCL212 Datasheet HTML 3Page - Torex Semiconductor XCL212 Datasheet HTML 4Page - Torex Semiconductor XCL212 Datasheet HTML 5Page - Torex Semiconductor XCL212 Datasheet HTML 6Page - Torex Semiconductor XCL212 Datasheet HTML 7Page - Torex Semiconductor XCL212 Datasheet HTML 8Page - Torex Semiconductor XCL212 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XCL211/XCL212 series
■
ELECTRICAL CHARACTERISTICS
XCL211B082DR/XCL212B082DR,
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
FB Voltage
VFB
VIN=5.0V, VCE=5.0V
Voltage to start oscillation while
VFB=0.72V → 0.88V
0.784
0.800
0.816
V
③
Operating Voltage Range
VIN
When connected to external components
2.7
-
6.0
V
①
Maximum Output Current
IOUTMAX
VIN=VCE=5.0V (*1,*2)
When connected to external components
2.0
-
-
A
①
UVLO Voltage
VUVLO
VCE=5.0V, VFB=0.72V
Voltage which Lx pin holding “L” level (*3)
2.00
-
2.68
V
③
Quiescent Current
Iq
VIN=VCE=5.0V, VFB=0.88V
-
53
92
μA
②
Stand-by Current
ISTB
VIN=5.0V, VCE=0V, VFB=0.88V
-
0.01
1.00
μA
②
Oscillation Frequency
fOSC
VIN=VCE=5.0V, IOUT=300mA
When connected to external components
2040
2400
2760
kHz
①
PFM Switch Current (*4)
IPFM
VIN=VCE=6.0V, IOUT=1mA
When connected to external components
-
680
-
mA
①
PFM Duty Limit (*4)
DTYLIMIT_PFM
VIN=VCE=2.7V, IOUT=1mA
When connected to external components
-
180
250
%
①
Maximum Duty Cycle
DMAX
VIN=VCE=5.0V, VFB=0.72V
100
-
-
%
③
Minimum Duty Cycle
DMIN
VIN=VCE=5.0V, VFB=0.88V
-
-
0
%
③
LXSW”H”ON Resistance
RLXH
VIN=VCE=4.0V, VFB=0.72V (*6)
-
0.11
0.21
Ω
④
LXSW”L”ON Resistance
RLXL
-
0.12
0.30 (*7)
Ω
-
LXSW”H” Leakage Current
ILeakH
VIN=5.0V, VCE=0V, VFB=0.88V, VLx=0V
-
0.01
1.00 (*8)
μA
⑤
Current Limit
ILIM
VIN=VCE=5.0V, VFB=0.72V (*9)
-
4.0
-
A
④
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆topr・VOUT)
IOUT=100mA
-40℃≦Topr≦85℃
When connected to external components
-
±100
-
ppm/℃
①
CE ”H” Voltage
VCEH
VIN=5.0V, VFB=0.72V Applied voltage to VCE
Voltage changes Lx to “H” level
1.2
-
VIN
V
③
CE ”L” Voltage
VCEL
VIN=5.0V, VFB=0.72V Applied voltage to VCE
Voltage changes Lx to “L” level
GND
-
0.4
V
③
CE ”H” Current
ICEH
VIN=5.0V, VCE=5.0V, VFB=0V
-0.1
-
0.1
μA
⑤
CE ”L” Current
ICEL
VIN=5.0V, VCE=0V, VFB=0V
-0.1
-
0.1
μA
⑤
FB ”H” Current
IFBH
VIN=5.0V, VCE =0V, VFB=5.0V
-0.1
-
0.1
μA
⑤
FB ”L” Current
IFBL
VIN=5.0V, VCE=0V, VFB=0V
-0.1
-
0.1
μA
⑤
Soft-Start Time
tSS
VIN=5.0V, VCE=0V → 5.0V, IOUT=1mA
When connected to external components
0.3
1.0
2.0
ms
①
Thermal Shutdown Temperature
TTSD
-
150
-
℃
-
Hysteresis Width
THYS
-
20
-
℃
-
CL Discharge Resistance
RDCHG
VIN=5.0V, VCE=0V, VFB=0.72V, VLx=1.0V
80
130
160
Ω
⑥
Inductance
L
Test Freq.=1.0MHz
-
1.5
-
μH
-
Inductor Rated Current
IDC
∆T=+40℃
-
2.3
-
A
-
External Components: CIN1=20
μF(ceramic), CIN2=1μF(ceramic), CL=20μF(ceramic), R1=15kΩ, R2=30kΩ, CFB=1000pF
Condition: Unless otherwise stated,”H”= VIN ~ VIN - 1.2V, “L”= + 0.1V ~ -0.1V
(*1) Mount conditions affect heat dissipation. Maximum output current is not guaranteed when TTSD starts to operate earlier.
(*2) When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
(*3) These values include UVLO detect voltage, UVLO release voltage and hysteresis operating voltage range.
UVLO release voltage is defined as the VIN voltage which makes Lx pin “H”.
(*4) XCL211 series exclude IPFM and DTYLIMIT_PFM because those are only for the PFM control’s functions.
(*5) On resistance = (VIN – Lx pin measurement voltage) / 0.1A
(*6) Design value
(*7) When temperature is high, a current of approximately 20
μA (maximum) may leak.
(*8) Current limit denotes the level of detection at peak of coil current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com